Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29F040 Datasheet(PDF) 18 Page - STMicroelectronics

Part # 29F040
Description  4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29F040 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button 29F040 Datasheet HTML 14Page - STMicroelectronics 29F040 Datasheet HTML 15Page - STMicroelectronics 29F040 Datasheet HTML 16Page - STMicroelectronics 29F040 Datasheet HTML 17Page - STMicroelectronics 29F040 Datasheet HTML 18Page - STMicroelectronics 29F040 Datasheet HTML 19Page - STMicroelectronics 29F040 Datasheet HTML 20Page - STMicroelectronics 29F040 Datasheet HTML 21Page - STMicroelectronics 29F040 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Symbol
Alt
Parameter
M29F040
Unit
-120
-150
VCC = 5V
± 10%
VCC = 5V
± 10%
Standard
Interface
Standard
Interface
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
120
150
ns
tWLEL
tWS
Write Enable Low to Chip Enable Low
0
0
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
50
50
ns
tDVEH
tDS
Input Valid to Chip Enable High
50
50
ns
tEHDX
tDH
Chip Enable High to Input Transition
0
0
ns
tEHWH
tWH
Chip Enable High to Write Enable High
0
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
20
20
ns
tAVEL
tAS
Address Valid to Chip Enable Low
0
0
ns
tELAX
tAH
Chip Enable Low to Address Transition
50
50
ns
tGHEL
Output Enable High Chip Enable Low
0
0
ns
tVCHWL
tVCS
VCC High to Write Enable Low
50
50
µs
tEHQV1
(1)
Chip Enable High to Output Valid (Program)
10
10
µs
tEHQV2
(1)
Chip Enable High to Output Valid
(Block Erase)
1.0
30
1.0
30
sec
tEHGL
tOEH
Chip Enable High to Output Enable Low
0
0
ns
Note: 1. Time is measured to Data Polling or Toggle Bit, tWHQV = tWHQ7V + tQ7VQV.
Table 14B. Write AC Characteristics, Chip Enable Controlled
(TA = 0 to 70
°C, –20 to 85°C, –40 to 85°C or –40 to 125°C)
18/31
M29F040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com