Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29F040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 29F040
Description  4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29F040 Datasheet(HTML) 1 Page - STMicroelectronics

  29F040 Datasheet HTML 1Page - STMicroelectronics 29F040 Datasheet HTML 2Page - STMicroelectronics 29F040 Datasheet HTML 3Page - STMicroelectronics 29F040 Datasheet HTML 4Page - STMicroelectronics 29F040 Datasheet HTML 5Page - STMicroelectronics 29F040 Datasheet HTML 6Page - STMicroelectronics 29F040 Datasheet HTML 7Page - STMicroelectronics 29F040 Datasheet HTML 8Page - STMicroelectronics 29F040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
AI01372
19
A0-A18
W
DQ0-DQ7
VCC
M29F040
G
E
VSS
8
Figure 1. Logic Diagram
M29F040
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
NOT FOR NEW DESIGN
M29F040 is replaced by the M29F040B
5V
± 10% SUPPLY VOLTAGE for PROGRAM,
ERASE and READ OPERATIONS
FAST ACCESS TIME: 70ns
BYTE PROGRAMMING TIME: 10
µs typical
ERASE TIME
– Block: 1.0 sec typical
– Chip: 2.5 sec typical
PROGRAM/ERASE CONTROLLER (P/E.C.)
– Program Byte-by-Byte
– Data Polling and Toggle bits Protocol for
P/E.C. Status
MEMORY ERASE in BLOCKS
– 8 Uniform Blocks of 64 KBytes each
– Block Protection
– Multiblock Erase
ERASE SUSPEND and RESUME MODES
LOW POWER CONSUMPTION
– Read mode: 8mA typical (at 12MHz)
– Stand-by mode: 25
µA typical
– Automatic Stand-by mode
100,000 PROGRAM/ERASE CYCLES per
BLOCK
20 YEARS DATA RETENTION
– Defectivity below 1ppm/year
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: E2h
A0-A18
Address Inputs
DQ0-DQ7
Data Input / Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
PLCC32 (K)
TSOP32 (N)
8 x 20 mm
November 1999
1/31
This is information on a product still in production but not recommended for new designs.


Similar Part No. - 29F040

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
29F040 AMD-29F040 Datasheet
394Kb / 30P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Macronix International
29F040-12 MCNIX-29F040-12 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-55 MCNIX-29F040-55 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-70 MCNIX-29F040-70 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-90 MCNIX-29F040-90 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results

Similar Description - 29F040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
19-Sep-2005
M29W004BT STMICROELECTRONICS-M29W004BT Datasheet
157Kb / 20P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
09-Mar-2000
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
22-Apr-2002
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
19-Sep-2005
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
Apr-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com