Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29F040 Datasheet(PDF) 21 Page - STMicroelectronics

Part # 29F040
Description  4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29F040 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button 29F040 Datasheet HTML 17Page - STMicroelectronics 29F040 Datasheet HTML 18Page - STMicroelectronics 29F040 Datasheet HTML 19Page - STMicroelectronics 29F040 Datasheet HTML 20Page - STMicroelectronics 29F040 Datasheet HTML 21Page - STMicroelectronics 29F040 Datasheet HTML 22Page - STMicroelectronics 29F040 Datasheet HTML 23Page - STMicroelectronics 29F040 Datasheet HTML 24Page - STMicroelectronics 29F040 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Symbol
Parameter
M29F040
Unit
-120
150
VCC = 5V
± 10%
VCC = 5V
± 10%
Standard
Interface
Standard
Interface
Min
Max
Min
Max
tWHQ7V1
(2)
Write Enable High to DQ7 Valid
(Program, W Controlled)
10
10
µs
tWHQ7V2
(2)
Write Enable High to DQ7 Valid
(Block Erase, W Controlled)
1.0
30
1.0
30
sec
tEHQ7V1
(2)
Chip Enable High to DQ7 Valid
(Program, E Controlled)
10
10
µs
tEHQ7V2
(2)
Chip Enable High to DQ7 Valid
(Block Erase, E Controlled)
1.0
30
1.0
30
sec
tQ7VQV
Q7 Valid to Output Valid (Data Polling)
50
55
ns
tWHQV1
Write Enable High to Output Valid
(Program)
10
10
µs
tWHQV2
Write Enable High to Output Valid
(Block Erase)
1.0
30
1.0
30
sec
tEHQV1
Chip Enable High to Output Valid
(Program)
10
10
µs
tEHQV2
Chip Enable High to Output Valid
(Block Erase)
1.0
30
1.0
30
sec
Notes: 1. All other timings are defined in Read AC Characteristics table.
2. tWHQ7V is the Program or Erase time.
Table 15B. Data Polling and Toggle Bit AC Characteristics (1)
(TA = 0 to 70
°C, –20 to 85°C, –40 to 85°C or –40 to 125°C)
21/31
M29F040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com