Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29F040 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 29F040
Description  4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29F040 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 29F040 Datasheet HTML 6Page - STMicroelectronics 29F040 Datasheet HTML 7Page - STMicroelectronics 29F040 Datasheet HTML 8Page - STMicroelectronics 29F040 Datasheet HTML 9Page - STMicroelectronics 29F040 Datasheet HTML 10Page - STMicroelectronics 29F040 Datasheet HTML 11Page - STMicroelectronics 29F040 Datasheet HTML 12Page - STMicroelectronics 29F040 Datasheet HTML 13Page - STMicroelectronics 29F040 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
Supply Current (Read)
E = VIL, G = VIH, f = 6MHz
15
mA
ICC2
Supply Current (Standby) TTL
E = VIH
1mA
ICC3
Supply Current (Standby) CMOS
E = VCC
± 0.2V
50
µA
ICC4
Supply Current (Program or Erase)
Byte Program,
Block Erase
20
mA
ICC5
Supply Current
Chip Erase in progress
40
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 10mA
0.45
V
VOH
Output High Voltage TTL
IOH = –2.5mA
2.4
V
Output High Voltage CMOS
IOH = –100
µAVCC –0.4
V
IOH = –2.5mA
0.85 VCC
V
VID
A9 Voltage (Electronic Signature)
11.5
12.5
V
IID
A9 Current (Electronic Signature)
A9 = VID
50
µA
VLKO
Supply Voltage (Erase and
Program lock-out)
3.2
4.2
V
Table 11. DC Characteristics
(TA = 0 to 70
°C, –20 to 85°C, –40 to 85°C or –40 to 125°C; VCC = 5V ± 10%)
Read Block Protection (RBP) instruction. The
use of Read Electronic Signature (RSIG) command
also allows access to the Block Protection status
verify. After giving the RSIG command, A0 and A6
are set to VIL with A1 at VIH, while A16, A17 and
A18 define the block of the block to be verified. A
read in these conditions will output a 01h if block is
protected and a 00h if block is not protected.
This Read Block Protection is the only valid way to
check the protection status of a block. Neverthe-
less, it must not be used during the Block Protection
phase as a method to verify the block protection.
Please refer to Block Protection paragraph.
Chip Erase (CE) instruction. This instruction uses
six write cycles. The Erase Set-up command 80h
is written to address 5555h on third cycle after the
two coded cycles. The Chip Erase Confirm com-
mand 10h is written at address 5555h on sixth cycle
after another two coded cycles. If the second com-
mand given is not an erase confirm or if the coded
cycles are wrong, the instruction aborts and the
device is reset to Read Array. It is not necessary to
program the array with 00h first as the P/E.C. will
automatically do this before erasing to FFh. Read
operations after the sixth rising edge of W or E
output the status register bits. During the execu-
tion of the erase by the P/E.C. the memory accepts
only the Reset (RST) command. Read of Data
Polling bit DQ7 returns ’0’, then ’1’ on completion.
The Toggle Bit DQ6 toggles during erase operation
and stops when erase is completed. After comple-
tion the Status Register bit DQ5 returns ’1’ if there
has been an Erase Failure because the erasure
has not been verified even after the maximum
number of erase cycles have been executed.
10/31
M29F040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com