Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29F040 Datasheet(PDF) 9 Page - STMicroelectronics

Part # 29F040
Description  4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29F040 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 29F040 Datasheet HTML 5Page - STMicroelectronics 29F040 Datasheet HTML 6Page - STMicroelectronics 29F040 Datasheet HTML 7Page - STMicroelectronics 29F040 Datasheet HTML 8Page - STMicroelectronics 29F040 Datasheet HTML 9Page - STMicroelectronics 29F040 Datasheet HTML 10Page - STMicroelectronics 29F040 Datasheet HTML 11Page - STMicroelectronics 29F040 Datasheet HTML 12Page - STMicroelectronics 29F040 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AI01275B
3V
High Speed
0V
1.5V
2.4V
Standard
0.45V
2.0V
0.8V
Figure 4. AC Testing Input Output Waveform
AI01276B
1.3V
OUT
CL
CL = 30pF for High Speed
CL = 100pF for Standard
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Figure 5. AC Testing Load Circuit
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
12
pF
Note: 1. Sampled only, not 100% tested.
Table 10. Capacitance (1) (TA = 25
°C, f = 1 MHz )
Erase Timer bit (DQ3). This bit is set to ’0’ by the
P/E.C. when the last Block Erase command has
been entered to the Command Interface and it is
awaiting the Erase start. When the wait period is
finished, after 80 to 120
µs, DQ3 returns back to ’1’.
Coded Cycles. The two coded cycles unlock the
Command Interface. They are followed by a com-
mand input or a comand confirmation. The coded
cycles consist of writing the data AAh at address
5555h during the first cycle and data 55h at address
2AAAh during the second cycle. Addresses are
latched on the falling edge of W or E while data is
latched on the rising edge of W or E. The coded
cycles happen on first and second cycles of the
command write or on the fourth and fifth cycles.
Read Array/Reset (RST) instruction. The Reset
instruction consists of one write operation giving
the command F0h. It can be optionally preceded
by the two coded cycles. A wait state of 5
µs before
read operations is necessary if the Reset command
is applied during an Erase operation.
Read Electronic Signature (RSIG) instruction.
This instruction uses the two coded cycles followed
by one write cycle giving the command 90h to
address 5555h for command setup. A subsequent
read will output the manufacturer code, the device
code or the Block Protection status depending on
the levels of A0, A1, A6, A16, A17 and A18. The
manufacturer code, 20h, is output when the ad-
dresses lines A0, A1 and A6 are Low, the device
code, E2h is output when A0 is High with A1 and
A6 Low.
High Speed
Standard
Input Rise and Fall Times
≤ 10ns
≤ 10ns
Input Pulse Voltages
0 to 3V
0.45V to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V
Table 9. AC Measurement Conditions
9/31
M29F040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com