Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29800 Datasheet (PDF) - AMIC Technology

A29800 Datasheet PDF - AMIC Technology
Part # A29800
Download  A29800 Download
File Size   514.14 Kbytes
Page   34 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory

A29800 Datasheet (PDF)

Go To PDF Page Download Datasheet
A29800 Datasheet PDF - AMIC Technology

Part # A29800
Download  A29800 Click to download

File Size   514.14 Kbytes
Page   34 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory

A29800 Datasheet (HTML) - AMIC Technology


A29800 Product details

General Description
The A29800 is a 5.0 volt only Flash memory organized as 1048,576 bytes of 8 bits or 524,288 words of 16 bits each. The A29800 offers the RESET function. The 1024 Kbytes of data are further divided into nineteen sectors for flexible sector erase capability. The 8 bits of data appear on I/O0 - I/O7 while the addresses are input on A1 to A18; the 16 bits of data appear on I/O0~I/O15. The A29800 is offered in 44-pin SOP and 48-Pin TSOP packages. This device is designed to be programmed in system with the standard system 5.0 volt VCC supply. Additional 12.0 volt VPP is not required for in-system write or erase operations. However, the A29800 can also be programmed in standard EPROM programmers.

Features
■ 5.0V ± 10% for read and write operations
■ Access times:
   - 55/70/90 (max.)
■ Current:
   - 28mA read current (word mode)
   - 20 mA typical active read current (byte mode)
   - 30 mA typical program/erase current
   - 1 mA typical CMOS standby
■ Flexible sector architecture
   - 16 Kbyte/ 8 KbyteX2/ 32 Kbyte/ 64 KbyteX15 sectors
   - 8 Kword/ 4 KwordX2/ 16 Kword/ 32 KwordX15 sectors
   - Any combination of sectors can be erased
   - Supports full chip erase
   - Sector protection:
      A hardware method of protecting sectors to prevent
      any inadvertent program or erase operations within
      that sector
■ Top or bottom boot block configurations available
■ Embedded Erase Algorithms
   - Embedded Erase algorithm will automatically erase
      the entire chip or any combination of designated
      sectors and verify the erased sectors
   - Embedded Program algorithm automatically writes
      and verifies bytes at specified addresses
■ Typical 100,000 program/erase cycles per sector
■ 20-year data retention at 125°C
   - Reliable operation for the life of the system
■ Compatible with JEDEC-standards
   - Pinout and software compatible with single-power
      supply Flash memory standard
   - Superior inadvertent write protection
■ Data Polling and toggle bits
   - Provides a software method of detecting completion
      of program or erase operations
■ Erase Suspend/Erase Resume
   - Suspends a sector erase operation to read data from,
      or program data to, a non-erasing sector, then resumes the erase operation
■ Hardware reset pin (RESET )
   - Hardware method to reset the device to reading array data
■ Package options
   -44-pin SOP or 4-pin TSOP (I)




Similar Part No. - A29800

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29800A AMICC-A29800A Datasheet
489Kb / 40P
Boot Sector Flash Memory
A29800B AMICC-A29800B Datasheet
488Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800BTG-55F AMICC-A29800BTG-55F Datasheet
488Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800BTG-55UF AMICC-A29800BTG-55UF Datasheet
488Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800BTV-55F AMICC-A29800BTV-55F Datasheet
488Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Similar Description - A29800

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29400 AMICC-A29400 Datasheet
497Kb / 33P
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29400A AMICC-A29400A Datasheet
383Kb / 34P
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800B AMICC-A29800B Datasheet
488Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29801B AMICC-A29801B Datasheet
489Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com