Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29800A Datasheet (PDF) - AMIC Technology

A29800A Datasheet PDF - AMIC Technology
Part # A29800A
Download  A29800A Download
File Size   489.16 Kbytes
Page   40 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description Boot Sector Flash Memory

A29800A Datasheet (PDF)

Go To PDF Page Download Datasheet
A29800A Datasheet PDF - AMIC Technology

Part # A29800A
Download  A29800A Click to download

File Size   489.16 Kbytes
Page   40 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description Boot Sector Flash Memory

A29800A Datasheet (HTML) - AMIC Technology


A29800A Product details

General Description
The A29800A is an 8Mbit, 5.0 volt-only Flash memory organized as 1,048,576 bytes of 8 bits or 524,288 words of 16 bits each. The 8 bits of data appear on I/O0 - I/O7; the 16 bits of data appear on I/O0~I/O15. The is offered in 48-ball FBGA and 48-Pin TSOP packages. This device is designed to be programmed in-system with the standard system 5.0 volt VCC supply. Additional 12.0 volt VPP is not required for in-system write or erase operations. However, the A29800A can also be programmed in standard EPROM programmers.
The A29800A has the first toggle bit, I/O6, which indicates whether an Embedded Program or Erase is in progress, or it is in the Erase Suspend. Besides the I/O6 toggle bit, the A29800A has a second toggle bit, I/O2, to indicate whether the addressed sector is being selected for erase. The A29800A also offers the ability to program in the Erase Suspend mode. The standard A29800A offers access time of 55ns, allowing high-speed microprocessors to operate without wait states. To eliminate bus contention the device has separate chip enable ( CE ), write enable ( WE ) and output enable (OE ) controls.

Features
■ Single power supply operation
   - Full voltage range: 4.5 to 5.5 volt for read and write operations
■ Access time:
   - 55ns (max.)
■ Current:
   - 20 mA typical active read current
   - 30 mA typical program/erase current
   - 6μA typical CMOS standby
■ Flexible sector architecture
   - 16 Kbyte/ 8 KbyteX2/ 32 Kbyte/ 64 KbyteX15 sectors
   - 8 Kword/ 4 KwordX2/ 16 Kword/ 32 KwordX15 sectors
   - Any combination of sectors can be erased
   - Supports full chip erase
   - Sector protection:
      A hardware method of protecting sectors to prevent any
      inadvertent program or erase operations within that
      sector. Temporary Sector Unprotect feature allows code
      changes in previously locked sectors
■ Industrial operating temperature range: -40ºC to +85ºC for
   -U series
■ Unlock Bypass Program Command
   - Reduces overall programming time when issuing multiple program command sequence
■ Top or bottom boot block configurations available
■ Embedded Algorithms
   - Embedded Erase algorithm will automatically erase the
      entire chip or any combination of designated sectors and
      verify the erased sectors
   - Embedded Program algorithm automatically writes and
      verifies data at specified addresses
■ Minimum 100,000 program/erase cycles per sector
■ 20-year data retention at 125ºC
   - Reliable operation for the life of the system
■ Compatible with JEDEC-standards
   - Pinout and software compatible with single-power-supply
      Flash memory standard
   - Superior inadvertent write protection
■ Data Polling and toggle bits
   - Provides a software method of detecting completion of
      program or erase operations
■ Ready / BUSY pin (RY / BY )
   - Provides a hardware method of detecting completion of
      program or erase operations
■ Erase Suspend/Erase Resume
   - Suspends a sector erase operation to read data from, or
      program data to, a non-erasing sector, then resumes the
      erase operation
■ Hardware reset pin (RESET )
   - Hardware method to reset the device to reading array data
■ Package options
   - 48-pin TSOP (I) or 48-ball TFBGA
   - All Pb-free (Lead-free) products are RoHS2.0 compliant




Similar Part No. - A29800A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800B AMICC-A29800B Datasheet
488Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800BTG-55F AMICC-A29800BTG-55F Datasheet
488Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800BTG-55UF AMICC-A29800BTG-55UF Datasheet
488Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800BTV-55F AMICC-A29800BTV-55F Datasheet
488Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Similar Description - A29800A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L160B AMICC-A29L160B Datasheet
471Kb / 41P
Boot Sector Flash Memory
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
Boot Sector Flash Memory
A29L400B AMICC-A29L400B Datasheet
440Kb / 37P
Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
Boot Sector Flash Memory
A29001A AMICC-A29001A Datasheet
388Kb / 33P
Boot Sector Flash Memory
A29002 AMICC-A29002_15 Datasheet
398Kb / 35P
Boot Sector Flash Memory
A29160A AMICC-A29160A Datasheet
509Kb / 43P
Boot Sector Flash Memory
A29801A AMICC-A29801A Datasheet
490Kb / 40P
Boot Sector Flash Memory
A290011A AMICC-A290011A Datasheet
388Kb / 33P
Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
Boot Sector Flash Memory
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com