Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C190 Datasheet (PDF) - Microchip Technology

RE46C190 Datasheet PDF - Microchip Technology
Part # RE46C190
Download  RE46C190 Download
File Size   408.5 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode

RE46C190 Datasheet (PDF)

Go To PDF Page Download Datasheet
RE46C190 Datasheet PDF - Microchip Technology

Part # RE46C190
Download  RE46C190 Click to download

File Size   408.5 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode

RE46C190 Datasheet (HTML) - Microchip Technology


RE46C190 Product details

Description
The RE46C190 is a low power, low voltage CMOS photoelectric type smoke detector IC. With minimal external components, this circuit will provide all the required features for a photoelectric-type smoke detector.

Features
• Two AA Battery Operation
• Internal Power On Reset
• Low Quiescent Current Consumption
• Available in 16L N SOIC
• Local Alarm Memory
• Interconnect up to 40 Detectors
• 9 Minute Timer for Sensitivity Control
• Temporal or Continuous Horn Pattern
• Internal Low Battery and Chamber Test
• All Internal Oscillator
• Internal Infrared Emitter Diode (IRED) driver
• Adjustable IRED Drive current
• Adjustable Hush Sensitivity
• 2% Low Battery Set Point




Similar Part No. - RE46C190

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C190 MICROCHIP-RE46C190 Datasheet
408Kb / 42P
CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect
2010
More results


Similar Description - RE46C190

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C146 MICROCHIP-RE46C146 Datasheet
261Kb / 13P
CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode
2009
RE46C140 MICROCHIP-RE46C140 Datasheet
257Kb / 13P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C144 MICROCHIP-RE46C144 Datasheet
256Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C145 MICROCHIP-RE46C145 Datasheet
259Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C190 MICROCHIP-RE46C190 Datasheet
408Kb / 42P
CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect
2010
RE46C144 MICROCHIP-RE46C144_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C145 MICROCHIP-RE46C145_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C195 MICROCHIP-RE46C195 Datasheet
2Mb / 39P
CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Revision A March 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com