Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339APT Datasheet (PDF) - STMicroelectronics

LM339APT Datasheet PDF - STMicroelectronics
Part # LM339APT
Download  LM339APT Download
File Size   483.33 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power quad voltage comparators

LM339APT Datasheet (PDF)

Go To PDF Page Download Datasheet
LM339APT Datasheet PDF - STMicroelectronics

Part # LM339APT
Download  LM339APT Click to download

File Size   483.33 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power quad voltage comparators

LM339APT Datasheet (HTML) - STMicroelectronics


LM339APT Product details

Description
This family of devices consists of four independent precision-voltage comparators with an offset voltage specification as low as 2 mV maximum for LM339A, LM239A and LM139A. Each comparator has been designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible.
These comparators also have a unique characteristic in that the input common mode voltage range includes ground even though operated from a single power supply voltage.

Features
■ Wide single supply voltage range or dual
   supplies for all devices: +2 to +36 V or ±1 V to
   ±18 V
■ Very low supply current (1.1 mA) independent
   of supply voltage
■ Low input bias current: 25 nA typ
■ Low input offset current: ±5 nA typ
■ Low input offset voltage: ±1 mV typ
■ Input common-mode voltage range includes
   ground
■ Low output saturation voltage: 250 mV typ;
   (ISINK = 4 mA)
■ Differential input voltage range equal to the
   supply voltage
■ TTL, DTL, ECL, MOS, CMOS compatible
   outputs




Similar Part No. - LM339APT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM339APT STMICROELECTRONICS-LM339APT Datasheet
163Kb / 10P
LOWPOWER QUAD VOLTAGE COMPARATORS
Mar-2003
LM339APT STMICROELECTRONICS-LM339APT Datasheet
776Kb / 19P
Low-power quad voltage comparators
18-Aug-2014
More results


Similar Description - LM339APT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901 Datasheet
540Kb / 12P
LOW POWER QUAD VOLTAGE COMPARATORS
Rev 2
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
LOW POWER QUAD VOLTAGE COMPARATORS
CM339 ETC-CM339 Datasheet
629Kb / 7P
LOW POWER QUAD VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
Quad Low-Power Voltage Comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
STMicroelectronics
LM339QT STMICROELECTRONICS-LM339QT Datasheet
549Kb / 19P
Low-power quad voltage comparators
13-Jul-2011
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
Low power quad voltage comparators
ver.07
logo
STMicroelectronics
LM139 STMICROELECTRONICS-LM139_V01 Datasheet
776Kb / 19P
Low-power quad voltage comparators
18-Aug-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com