Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339APT Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM339APT
Description  Low-power quad voltage comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM339APT Datasheet(HTML) 1 Page - STMicroelectronics

  LM339APT Datasheet HTML 1Page - STMicroelectronics LM339APT Datasheet HTML 2Page - STMicroelectronics LM339APT Datasheet HTML 3Page - STMicroelectronics LM339APT Datasheet HTML 4Page - STMicroelectronics LM339APT Datasheet HTML 5Page - STMicroelectronics LM339APT Datasheet HTML 6Page - STMicroelectronics LM339APT Datasheet HTML 7Page - STMicroelectronics LM339APT Datasheet HTML 8Page - STMicroelectronics LM339APT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
April 2009
Doc ID 2159 Rev 2
1/16
16
LM139, LM239, LM339
Low-power quad voltage comparators
Features
Wide single supply voltage range or dual
supplies for all devices: +2 to +36 V or ±1 V to
±18 V
Very low supply current (1.1 mA) independent
of supply voltage
Low input bias current: 25 nA typ
Low input offset current: ±5 nA typ
Low input offset voltage: ±1 mV typ
Input common-mode voltage range includes
ground
Low output saturation voltage: 250 mV typ;
(ISINK = 4 mA)
Differential input voltage range equal to the
supply voltage
TTL, DTL, ECL, MOS, CMOS compatible
outputs
Description
This family of devices consists of four
independent precision-voltage comparators with
an offset voltage specification as low as 2 mV
maximum for LM339A, LM239A and LM139A.
Each comparator has been designed specifically
to operate from a single power supply over a wide
range of voltages. Operation from split power
supplies is also possible.
These comparators also have a unique
characteristic in that the input common mode
voltage range includes ground even though
operated from a single power supply voltage.
N
DIP14
(Plastic package)
D
SO-14
(Plastic micropackage)
P
TSSOP14
(Thin shrink small outline package)
4
5
6
7
8
9
10
11
13
1
2
3
14
12
Output2
Output4
Output3
Non-i
nverti
ng i
nput4
V
CC
Non-i
nverti
ng i
nput3
Inverti
ng i
nput4
V
CC
+
Output1
Inverti
ng i
nput1
N on-i
nverti
ng i
nput2
-
Inverti
ng i
nput3
N on-i
nverti
ng i
nput1
Inverti
ng i
nput2
Pin connections (top view)
www.st.com


Similar Part No. - LM339APT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM339APT STMICROELECTRONICS-LM339APT Datasheet
163Kb / 10P
LOWPOWER QUAD VOLTAGE COMPARATORS
Mar-2003
LM339APT STMICROELECTRONICS-LM339APT Datasheet
776Kb / 19P
Low-power quad voltage comparators
18-Aug-2014
More results

Similar Description - LM339APT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901 Datasheet
540Kb / 12P
LOW POWER QUAD VOLTAGE COMPARATORS
Rev 2
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
LOW POWER QUAD VOLTAGE COMPARATORS
CM339 ETC-CM339 Datasheet
629Kb / 7P
LOW POWER QUAD VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
Quad Low-Power Voltage Comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
STMicroelectronics
LM339QT STMICROELECTRONICS-LM339QT Datasheet
549Kb / 19P
Low-power quad voltage comparators
13-Jul-2011
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
Low power quad voltage comparators
ver.07
logo
STMicroelectronics
LM139 STMICROELECTRONICS-LM139_V01 Datasheet
776Kb / 19P
Low-power quad voltage comparators
18-Aug-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com