Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D60NF06 Datasheet (PDF) - STMicroelectronics

D60NF06 Datasheet PDF - STMicroelectronics
Part # D60NF06
Download  D60NF06 Download
File Size   413.77 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 60V - 0.014ohm - 60A - DPAK

D60NF06 Datasheet (PDF)

Go To PDF Page Download Datasheet
D60NF06 Datasheet PDF - STMicroelectronics

Part # D60NF06
Download  D60NF06 Click to download

File Size   413.77 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 60V - 0.014ohm - 60A - DPAK

D60NF06 Datasheet (HTML) - STMicroelectronics


D60NF06 Product details

Description

This Power Mosfet series realized with STMicroelectronics unique STripFET process has specifically been designed to minimize input capacitance and gate charge. It is therefore suitable as primary switch in advanced high efficiency isolated DC-DC converters for Telecom and Computer application. It is also intended for any application with low gate charge drive requirements.



■ Exceptional dv/dt capability

■ Application oriented characterization

■ 100% avalanche tested



Applications

■ Switching application




Similar Part No. - D60NF06

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
D60N10 WXDH-D60N10 Datasheet
713Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
D60N10 WXDH-D60N10 Datasheet
714Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
D60N10 WXDH-D60N10 Datasheet
719Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
D60N10 WXDH-D60N10 Datasheet
714Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
D60N10 WXDH-D60N10 Datasheet
714Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
More results


Similar Description - D60NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NE06L-16 STMICROELECTRONICS-STB60NE06L-16 Datasheet
85Kb / 8P
N - CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET
May-2000
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET™ POWER MOSFET
Feb-2001
STD35NF06L STMICROELECTRONICS-STD35NF06L Datasheet
431Kb / 9P
N-CHANNEL 60V - 0.014ohm - 35A DPAK STripFET?줚I MOSFET
Nov-2003
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET™ II POWER MOSFET
Oct-2002
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
330Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET™ POWER MOSFET
Jan-2002
logo
Unisonic Technologies
60N06 UTC-60N06_12 Datasheet
316Kb / 8P
60A, 60V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
13-Jul-2006
logo
E-CMOS Corporation
EC736014 E-CMOS-EC736014 Datasheet
487Kb / 6P
60V 60A N-Channel
EC736014D E-CMOS-EC736014D Datasheet
368Kb / 7P
60V ,60A N-Channel
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com