Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D60NF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # D60NF06
Description  N-channel 60V - 0.014ohm - 60A - DPAK
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D60NF06 Datasheet(HTML) 1 Page - STMicroelectronics

  D60NF06 Datasheet HTML 1Page - STMicroelectronics D60NF06 Datasheet HTML 2Page - STMicroelectronics D60NF06 Datasheet HTML 3Page - STMicroelectronics D60NF06 Datasheet HTML 4Page - STMicroelectronics D60NF06 Datasheet HTML 5Page - STMicroelectronics D60NF06 Datasheet HTML 6Page - STMicroelectronics D60NF06 Datasheet HTML 7Page - STMicroelectronics D60NF06 Datasheet HTML 8Page - STMicroelectronics D60NF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2006
Rev 2
1/13
13
STD60NF06
N-channel 60V - 0.014
Ω - 60A - DPAK
STripFET™ II Power MOSFET
General features
■ Exceptional dv/dt capability
■ Application oriented characterization
■ 100% avalanche tested
Description
This Power Mosfet series realized with
STMicroelectronics unique STripFET process has
specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency isolated DC-DC converters for Telecom
and Computer application. It is also intended for
any application with low gate charge drive
requirements.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD60NF06
60V
<0.016
Ω
60A
DPAK
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD60NF06T4
D60NF06
DPAK
Tape & reel


Similar Part No. - D60NF06

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
D60N10 WXDH-D60N10 Datasheet
713Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
D60N10 WXDH-D60N10 Datasheet
714Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
D60N10 WXDH-D60N10 Datasheet
719Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
D60N10 WXDH-D60N10 Datasheet
714Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
D60N10 WXDH-D60N10 Datasheet
714Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - D60NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NE06L-16 STMICROELECTRONICS-STB60NE06L-16 Datasheet
85Kb / 8P
N - CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET
May-2000
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET™ POWER MOSFET
Feb-2001
STD35NF06L STMICROELECTRONICS-STD35NF06L Datasheet
431Kb / 9P
N-CHANNEL 60V - 0.014ohm - 35A DPAK STripFET?줚I MOSFET
Nov-2003
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET™ II POWER MOSFET
Oct-2002
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
330Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET™ POWER MOSFET
Jan-2002
logo
Unisonic Technologies
60N06 UTC-60N06_12 Datasheet
316Kb / 8P
60A, 60V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
13-Jul-2006
logo
E-CMOS Corporation
EC736014 E-CMOS-EC736014 Datasheet
487Kb / 6P
60V 60A N-Channel
EC736014D E-CMOS-EC736014D Datasheet
368Kb / 7P
60V ,60A N-Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com