Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW120NF10 Datasheet (PDF) - STMicroelectronics

STW120NF10 Datasheet PDF - STMicroelectronics
Part # STW120NF10
Download  STW120NF10 Download
File Size   946.25 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 100 V, 0.009 ohm, 110 A STripFET II Power MOSFET

STW120NF10 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW120NF10 Datasheet PDF - STMicroelectronics

Part # STW120NF10
Download  STW120NF10 Click to download

File Size   946.25 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 100 V, 0.009 ohm, 110 A STripFET II Power MOSFET

STW120NF10 Datasheet (HTML) - STMicroelectronics


STW120NF10 Product details

Description
These devices are N-channel Power MOSFET realized with STMicroelectronics unique STripFET™ process has specifically been designed to minimize the on-resistance. It is therefore suitable as primary switch in advanced high-efficiency, high-frequency isolated DC-DC converters for telecom and computer application. It is also intended for any applications with low gate drive requirements.

Features
■ Exceptional dv/dt capability
■ 100% avalanche tested
■ Application oriented characterization

Application
■ Switching applications




Similar Part No. - STW120NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW120NF10 STMICROELECTRONICS-STW120NF10 Datasheet
376Kb / 15P
N-channel 100V - 0.009OHM - 110A - TO-247 - TO-220 - D2PAK STripFET2 Power MOSFET
05-Oct-2006
logo
Inchange Semiconductor ...
STW120NF10 ISC-STW120NF10 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW120NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP60NE03L-12 STMICROELECTRONICS-STP60NE03L-12 Datasheet
85Kb / 8P
N - CHANNEL 30V - 0.009 ohm - 60A - T0-220 STripFET POWER MOSFET
Feb-1999
STP75NF75L STMICROELECTRONICS-STP75NF75L Datasheet
382Kb / 11P
N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Apr-2002
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STS11NF3LL STMICROELECTRONICS-STS11NF3LL Datasheet
44Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
May-2003
STB75NF75L STMICROELECTRONICS-STB75NF75L_07 Datasheet
334Kb / 13P
N-channel 75V - 0.009廓 - 75A - D2PAK STripFET??II Power MOSFET
13-Jul-2007
STP75NF68 STMICROELECTRONICS-STP75NF68 Datasheet
440Kb / 12P
N-channel 68 V, 0.010 OHM, 80 A, TO-220 STripFET II Power MOSFET
06-Aug-2008
STD86N3LH5 STMICROELECTRONICS-STD86N3LH5 Datasheet
658Kb / 16P
N-channel 30 V, 0.0045 Ohm , 80 A, DPAK STripFET V Power MOSFET
22-Mar-2011
STB120NF10T4 STMICROELECTRONICS-STB120NF10T4 Datasheet
946Kb / 21P
N-channel 100 V, 0.009 Ω, 110 A STripFET™II Power MOSFET in TO-247, TO-220, D²PAK, TO-220FP
11-May-2011
STD25NF10LA STMICROELECTRONICS-STD25NF10LA Datasheet
656Kb / 15P
N-channel 100 V, 0.030 廓, 25 A DPAK STripFET??II Power MOSFET
05-Oct-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com