Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW120NF10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW120NF10
Description  N-channel 100 V, 0.009 ohm, 110 A STripFET II Power MOSFET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW120NF10 Datasheet(HTML) 3 Page - STMicroelectronics

  STW120NF10 Datasheet HTML 1Page - STMicroelectronics STW120NF10 Datasheet HTML 2Page - STMicroelectronics STW120NF10 Datasheet HTML 3Page - STMicroelectronics STW120NF10 Datasheet HTML 4Page - STMicroelectronics STW120NF10 Datasheet HTML 5Page - STMicroelectronics STW120NF10 Datasheet HTML 6Page - STMicroelectronics STW120NF10 Datasheet HTML 7Page - STMicroelectronics STW120NF10 Datasheet HTML 8Page - STMicroelectronics STW120NF10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STB/F/PW120NF10
Electrical ratings
Doc ID 9522 Rev 7
3/21
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220, TO-247,
D²PAK
TO-220FP
VDS
Drain-source voltage (VGS = 0)
100
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25 °C
110
41 (1)
1.
Limited only by maximum temperature allowed.
A
ID
Drain current (continuous) at TC=100 °C
77
29(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
440
164 (1)
A
PTOT
Total dissipation at TC = 25 °C
312
45
W
Derating factor
2.08
0.30
W/°C
dv/dt (3)
3.
ISD ≤ 120 A, di/dt ≤ 300 A/µs, VDD = 80%V(BR)DSS
Peak diode recovery voltage slope
10
V/ns
EAS
(4)
4.
Starting Tj = 25 °C, ID = 60 A, VDD = 50 V
Single pulse avalanche energy
550
mJ
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
TO-220 TO-247 D²PAK TO-220FP
Rthj-case Thermal resistance junction-case max
0.48
3.33
°C/W
Rthj-amb
Thermal resistance junction-ambient
max
62.5
62.5
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
Thermal resistance junction-pcb max
35
°C/W
TL
Maximum lead temperature for soldering
purpose
300
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com