Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A62S6308 Datasheet (PDF) - AMIC Technology

A62S6308 Datasheet PDF - AMIC Technology
Part # A62S6308
Download  A62S6308 Download
File Size   179.61 Kbytes
Page   17 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 64K X 8 BIT LOW VOLTAGE CMOS SRAM

A62S6308 Datasheet (PDF)

Go To PDF Page Download Datasheet
A62S6308 Datasheet PDF - AMIC Technology

Part # A62S6308
Download  A62S6308 Click to download

File Size   179.61 Kbytes
Page   17 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 64K X 8 BIT LOW VOLTAGE CMOS SRAM

A62S6308 Datasheet (HTML) - AMIC Technology


A62S6308 Product details

General Description
The A62S6308 is a low operating current 524,288-bit static random access memory organized as 65,536 words by 8 bits and operates on a low power supply voltage from 2.7V to 3.6V.
Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.
Two chip enable inputs are provided for POWER-DOWN and a device enable and an output enable input are included for easy interfacing.
Data retention is guaranteed at a power supply voltage as low as 2V.

Features
■ Power supply range: 2.7V to 3.6V
■ Access times:70/100 ns (max.)
■ Current:
    A62S6308-S series: Operating: 40mA (max.)
                                     Standby: 15mA (max.)
    A62S6308-SI series: *Operating:40mA (max.)
                                      *Standby: 30mA (max.)
■ Extended operating temperature range:-25°C to 85°C
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL-compatible
■ Common I/O using three-state output
■ Output enable and two chip enable inputs for easy application
■ Data retention voltage: 2V (min.)
■ Available in 32-pin SOP, TSOP, sTSOP (8 X 13.4mm) forward type and 36-ball Mini BGA (6X8) packages




Similar Part No. - A62S6308

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
64K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Similar Description - A62S6308

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6316 AMICC-A62S6316 Datasheet
148Kb / 15P
64K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C Datasheet
148Kb / 15P
64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
Very Low Power/Voltage CMOS SRAM 64K X 16 bit
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
64K X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1011 BSI-BS616LV1011 Datasheet
261Kb / 9P
Very Low Power/Voltage CMOS SRAM 64K X 16 bit
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
64K X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1013 BSI-BS616LV1013 Datasheet
258Kb / 9P
Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1015 BSI-BS616LV1015 Datasheet
254Kb / 9P
Very Low Power/Voltage CMOS SRAM 64K X 16 bit
logo
AMIC Technology
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
64K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C_15 Datasheet
169Kb / 15P
64K X 16 BIT LOW VOLTAGE CMOS SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com