Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A62S6316 Datasheet (PDF) - AMIC Technology

A62S6316 Datasheet PDF - AMIC Technology
Part # A62S6316
Download  A62S6316 Download
File Size   148.74 Kbytes
Page   15 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 64K X 16 BIT LOW VOLTAGE CMOS SRAM

A62S6316 Datasheet (PDF)

Go To PDF Page Download Datasheet
A62S6316 Datasheet PDF - AMIC Technology

Part # A62S6316
Download  A62S6316 Click to download

File Size   148.74 Kbytes
Page   15 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 64K X 16 BIT LOW VOLTAGE CMOS SRAM

A62S6316 Datasheet (HTML) - AMIC Technology


A62S6316 Product details

General Description
The A62S6316 is a low operating current 1,048,576-bit static random access memory organized as 65,536 words by 16 bits and operates on low power supply voltage from 2.7V to 3.3V. It is built using AMIC’s high performance CMOS process.
Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures
The chip enable input is provided for POWER-DOWN, device enable. Two byte enable inputs and an output enable input are included for easy interfacing.
Data retention is guaranteed at a power supply voltage as low as 2V.

Features
■ Operating voltage: 2.7V to 3.3V
■ Access times: 55/70 ns (max.)
■ Current:
    A62S6316-S series: Operating: 50mA (max.)
                                     Standby: 15mA (max.)
    A62S6316-SI series: Operating: 50mA (max.)
                                      Standby: 30mA (max.)
■ Extended operating temperature range : -25°C to 85°C for -SI series
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL-compatible
■ Common I/O using three-state output
■ Data retention voltage: 2V (min.)
■ Available in 44-pin TSOP and 48-ball Mini BGA (6X8) packages.




Similar Part No. - A62S6316

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308 AMICC-A62S6308 Datasheet
179Kb / 17P
64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-10S AMICC-A62S6308G-10S Datasheet
179Kb / 17P
64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-10SI AMICC-A62S6308G-10SI Datasheet
179Kb / 17P
64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-70S AMICC-A62S6308G-70S Datasheet
179Kb / 17P
64K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Similar Description - A62S6316

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S1664C AMICC-LP62S1664C Datasheet
148Kb / 15P
64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1013 BSI-BS616LV1013 Datasheet
258Kb / 9P
Very Low Power/Voltage CMOS SRAM 64K X 16 bit
logo
Lyontek Inc.
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
64K X 16 BIT LOW POWER CMOS SRAM
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
64K X 16 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
LP62S1664C AMICC-LP62S1664C_15 Datasheet
169Kb / 15P
64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
64K X 16 BIT LOW POWER CMOS SRAM
LY626416 LYONTEK-LY626416_16 Datasheet
701Kb / 16P
64K X 16 BIT LOW POWER CMOS SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com