Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A64S0616 Datasheet (PDF) - AMIC Technology

A64S0616 Datasheet PDF - AMIC Technology
Part # A64S0616
Download  A64S0616 Download
File Size   171.57 Kbytes
Page   15 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 16 Bit Low Voltage Super RAM

A64S0616 Datasheet (PDF)

Go To PDF Page Download Datasheet
A64S0616 Datasheet PDF - AMIC Technology

Part # A64S0616
Download  A64S0616 Click to download

File Size   171.57 Kbytes
Page   15 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 16 Bit Low Voltage Super RAM

A64S0616 Datasheet (HTML) - AMIC Technology


A64S0616 Product details

General Description
The A64S0616 is a low operating current 16,777,216-bit Super RAM organized as 1,048,576 words by 16 bits and operates on low power supply voltage from 2.7V to 3.1V. It is built using AMIC’s high performance CMOS DRAM process.
Using hidden refresh technique, the A64S0616 provides a 100% compatible asynchronous interface.
Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures. The chip enable input is provided for POWER-DOWN, device enable. Two byte enable inputs and an output enable input are included for easy interfacing.
This A64S0616 is suited for low power application such as mobile phone and PDA or other battery-operated handheld device.

Features
■ Operating voltage: 2.7V to 3.1V
■ Access times: 70 ns (max.)
■ Current:
   A64S0616 series:
      Operating: 35mA (max.)
      Power Down Standby: 10mA (max.)
■ Fully SRAM compatible operation
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL-compatible
■ Common I/O using three-state output
■ Industrial operating temperature range: -25°C to +85°C for -I
■ Available in 48-ball Mini BGA (6X8) package.




Similar Part No. - A64S0616

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S06161A AMICC-A64S06161A Datasheet
189Kb / 13P
16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161A-70U AMICC-A64S06161A-70U Datasheet
189Kb / 13P
16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161AG-70 AMICC-A64S06161AG-70 Datasheet
189Kb / 13P
16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161AG-70F AMICC-A64S06161AG-70F Datasheet
189Kb / 13P
16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161AG-70U AMICC-A64S06161AG-70U Datasheet
189Kb / 13P
16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
More results


Similar Description - A64S0616

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64E06161 AMICC-A64E06161 Datasheet
310Kb / 20P
1M X 16 Bit Low Voltage Super RAM
A64S16161 AMICC-A64S16161 Datasheet
235Kb / 16P
2M X 16 Bit Low Voltage Super RAM
logo
FIDELIX
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CAX FIDELIX-FMP1617CAX Datasheet
220Kb / 12P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CCX FIDELIX-FMP1617CCX Datasheet
220Kb / 12P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DCX FIDELIX-FMP1617DCX Datasheet
160Kb / 11P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
logo
AMIC Technology
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
1M X 16 Bit Low Voltage Super RAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com