Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A64S9316 Datasheet (PDF) - AMIC Technology

A64S9316 Datasheet PDF - AMIC Technology
Part # A64S9316
Download  A64S9316 Download
File Size   171.54 Kbytes
Page   15 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 16 Bit Low Voltage Super RAM

A64S9316 Datasheet (PDF)

Go To PDF Page Download Datasheet
A64S9316 Datasheet PDF - AMIC Technology

Part # A64S9316
Download  A64S9316 Click to download

File Size   171.54 Kbytes
Page   15 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 16 Bit Low Voltage Super RAM

A64S9316 Datasheet (HTML) - AMIC Technology


A64S9316 Product details

General Description
The A64S9316 is a low operating current 8,388,608-bit Super RAM organized as 524,288 words by 16 bits and operates on low power supply voltage from 2.7V to 3.1V. It is built using AMIC’s high performance CMOS DRAM process.
Using hidden refresh technique, the A64S9316 provides a 100% compatible asynchronous interface.
Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.
The chip enable input is provided for POWER-DOWN, device enable. Two byte enable inputs and an output enable input are included for easy interfacing.
This A64S9316 is suited for low power application such as mobile phone and PDA or other battery-operated handheld device.

Features
■ Operating voltage: 2.7V to 3.1V
■ Access times: 70 ns (max.)
■ Current:
   A64S9316 series:
      Operating: 35mA (max.)
      Power Down Standby: 10mA (max.)
n Fully SRAM compatible operation
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL-compatible
■ Common I/O using three-state output
■ Industrial operating temperature range: -25°C to +85°C for -I
■ Available in 48-ball Mini BGA (6X8) package.




Similar Part No. - A64S9316

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
1M X 16 Bit Low Voltage Super RAM
A64S06161A AMICC-A64S06161A Datasheet
189Kb / 13P
16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161A-70U AMICC-A64S06161A-70U Datasheet
189Kb / 13P
16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161AG-70 AMICC-A64S06161AG-70 Datasheet
189Kb / 13P
16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161AG-70F AMICC-A64S06161AG-70F Datasheet
189Kb / 13P
16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
More results


Similar Description - A64S9316

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
310Kb / 20P
1M X 16 Bit Low Voltage Super RAM
A64E16161 AMICC-A64E16161 Datasheet
29Kb / 1P
2M X 16 Bit Low Voltage Super RAM
A64S16161 AMICC-A64S16161 Datasheet
235Kb / 16P
2M X 16 Bit Low Voltage Super RAM
logo
Emerging Memory & Logic...
EM681FV16A EMLSI-EM681FV16A Datasheet
385Kb / 10P
512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FV16A EMLSI-EM680FV16A Datasheet
96Kb / 11P
512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
FIDELIX
CMP0817BA0-I FIDELIX-CMP0817BA0-I Datasheet
192Kb / 10P
512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BAX-E FIDELIX-CMP0817BAX-E Datasheet
215Kb / 12P
512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
logo
AMIC Technology
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
1M X 16 Bit Low Voltage Super RAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com