Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP61L1024 Datasheet (PDF) - AMIC Technology

LP61L1024 Datasheet PDF - AMIC Technology
Part # LP61L1024
Download  LP61L1024 Download
File Size   178.88 Kbytes
Page   16 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM

LP61L1024 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP61L1024 Datasheet PDF - AMIC Technology

Part # LP61L1024
Download  LP61L1024 Click to download

File Size   178.88 Kbytes
Page   16 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM

LP61L1024 Datasheet (HTML) - AMIC Technology


LP61L1024 Product details

General Description

The LP61L1024 is a low operating current 1,048,576-bit static random access memory organized as 131,072 words by 8 bits and operates on a single 3.3V power supply. Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures. Two chip enable inputs are provided for POWER-DOWN and device enable and an output enable input is included for easy interfacing. Data retention is guaranteed at a power supply voltage as low as 2.0V.



Features

■ Single +3.3V power supply

■ Access times: 12/15 ns (max.)

■ Current: Operating: 170mA (max.)

              Standby: 10mA (max.)

■ Full static operation, no clock or refreshing required

■ All inputs and outputs are directly TTL compatible

■ Common I/O using three-state output

■ Output enable and two chip enable inputs for easy application

■ Data retention voltage: 2.0V (min.)

■ Available in 32-pin SOJ 300 mil, 32-pin TSOP and 32-pin TSSOP and 36-pin CSP packages



 




Similar Part No. - LP61L1024

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
More results


Similar Description - LP61L1024

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
LP61L1008 AMICC-LP61L1008 Datasheet
142Kb / 13P
128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L1008A AMICC-LP61L1008A Datasheet
118Kb / 11P
128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L256B AMICC-LP61L256B Datasheet
132Kb / 11P
32K X 8 Bit High SPEED LOW VCC CMOS SRAM
logo
Lyontek Inc.
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
logo
Lyontek Inc.
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
128K X 8 BIT HIGH SPEED CMOS SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com