Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP61L1024 Datasheet(PDF) 2 Page - AMIC Technology

Part # LP61L1024
Description  128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L1024 Datasheet(HTML) 2 Page - AMIC Technology

  LP61L1024 Datasheet HTML 1Page - AMIC Technology LP61L1024 Datasheet HTML 2Page - AMIC Technology LP61L1024 Datasheet HTML 3Page - AMIC Technology LP61L1024 Datasheet HTML 4Page - AMIC Technology LP61L1024 Datasheet HTML 5Page - AMIC Technology LP61L1024 Datasheet HTML 6Page - AMIC Technology LP61L1024 Datasheet HTML 7Page - AMIC Technology LP61L1024 Datasheet HTML 8Page - AMIC Technology LP61L1024 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LP61L1024
128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
(August, 2002, Version 2.1)
1
AMIC Technology, Inc.
Features
General Description
n Single +3.3V power supply
n Access times: 12/15 ns (max.)
n Current: Operating: 170mA (max.)
Standby:
10mA (max.)
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL compatible
n Common I/O using three-state output
n Output enable and two chip enable inputs for easy
application
n Data retention voltage: 2.0V (min.)
n Available in 32-pin SOJ 300 mil, 32-pin TSOP and 32-
pin TSSOP and 36-pin CSP packages
The LP61L1024 is a low operating current 1,048,576-bit
static random access memory organized as 131,072 words
by 8 bits and operates on a single 3.3V power supply.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
Two chip enable inputs are provided for POWER-DOWN
and device enable and an output enable input is included
for easy interfacing.
Data retention is guaranteed at a power supply voltage as
low as 2.0V.
Product Family
Power Dissipation
Product
Family
Operating
Temperature
VCC
Range
Speed
Data Retention
(ICCDR, Typ.)
Standby
(ISB1, Typ.)
Operating
(ICC1, Typ.)
Package
Type
LP61L1024
0
°C ~ 70°C
3V ~ 3.6V
12/15 ns
0.4mA
0.5mA
130mA
32L SOJ
32L TSOP
32L TSSOP
36B
µBGA
1. Typical values are measured at VCC = 3.0V, TA = 25
°C and not 100% tested.
2. Data retention current VCC = 2.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com