Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP61L1024 Datasheet(PDF) 12 Page - AMIC Technology

Part # LP61L1024
Description  128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L1024 Datasheet(HTML) 12 Page - AMIC Technology

Back Button LP61L1024 Datasheet HTML 8Page - AMIC Technology LP61L1024 Datasheet HTML 9Page - AMIC Technology LP61L1024 Datasheet HTML 10Page - AMIC Technology LP61L1024 Datasheet HTML 11Page - AMIC Technology LP61L1024 Datasheet HTML 12Page - AMIC Technology LP61L1024 Datasheet HTML 13Page - AMIC Technology LP61L1024 Datasheet HTML 14Page - AMIC Technology LP61L1024 Datasheet HTML 15Page - AMIC Technology LP61L1024 Datasheet HTML 16Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LP61L1024
(August, 2002, Version 2.1)
11
AMIC Technology, Inc.
Low VCC Data Retention Waveform (1) ( CE1 Controlled)
VCC
CE1
tCDR
VIH
3.0V
tR
VIH
3.0V
DATA RETENTION MODE
VDR
≥ 2V
CE1
≥ VDR - 0.2V
Low VCC Data Retention Waveform (2) (CE2 Controlled)
VCC
CE2
tCDR
VIL
3.0V
tR
VIL
3.0V
DATA RETENTION MODE
VDR
≥ 2V
CE2
≤ 0.2V
Ordering Information
Part No.
Access Time (ns)
Operating Current
Max. (mA)
Standby Current
Max. (mA)
Package
LP61L1024S-12
12
170
10
32L SOJ (300 mil)
LP61L1024V-12
12
170
10
32L TSOP
LP61L1024X-12
12
170
10
32L TSSOP
LP61L1024U-12
12
170
10
36L CSP
LP61L1024S-15
15
170
10
32L SOJ (300 mil)
LP61L1024V-15
15
170
10
32L TSOP
LP61L1024X-15
15
170
10
32L TSSOP
LP61L1024U-15
15
170
10
36L CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com