Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFXO Datasheet (PDF) - STATEK CORPORATION

LFXO Datasheet PDF - STATEK CORPORATION
Part # LFXO_12
Download  LFXO Download
File Size   119.47 Kbytes
Page   2 Pages
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION
Description Low Current Consumption Miniature Surface Mount Crystal Oscillator

LFXO Datasheet (PDF)

Go To PDF Page Download Datasheet
LFXO Datasheet PDF - STATEK CORPORATION

Part # LFXO_12
Download  LFXO Click to download

File Size   119.47 Kbytes
Page   2 Pages
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION
Description Low Current Consumption Miniature Surface Mount Crystal Oscillator

LFXO Datasheet (HTML) - STATEK CORPORATION




Similar Part No. - LFXO_12

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
LFXO STATEK-LFXO_10 Datasheet
136Kb / 2P
Miniature Surface Mount Crystal Oscillator
More results


Similar Description - LFXO_12

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5012 NPC-CF5012 Datasheet
83Kb / 7P
Low-current Consumption Crystal Oscillator Module ICs
logo
STATEK CORPORATION
CXOM STATEK-CXOM Datasheet
230Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
CXO3M STATEK-CXO3M Datasheet
230Kb / 2P
Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXOMHG STATEK-CXOMHG Datasheet
67Kb / 2P
High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
CXO STATEK-CXO Datasheet
89Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
LFXO STATEK-LFXO_10 Datasheet
136Kb / 2P
Miniature Surface Mount Crystal Oscillator
CXO3M STATEK-CXO3M_12 Datasheet
295Kb / 2P
Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXOMHG STATEK-CXOMHG_12 Datasheet
406Kb / 2P
High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
logo
Golledge Electronics Lt...
GXO-5301G GOLLEDGE-GXO-5301G Datasheet
597Kb / 5P
Miniature 1.8V Low Current Consumption Oscillator
GXO-5301L GOLLEDGE-GXO-5301L Datasheet
598Kb / 5P
Miniature 2.5V-3.3V Low Current Consumption Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com