Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5012 Datasheet (PDF) - Nippon Precision Circuits Inc

CF5012 Datasheet PDF - Nippon Precision Circuits Inc
Part # CF5012
Download  CF5012 Download
File Size   83.32 Kbytes
Page   7 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Low-current Consumption Crystal Oscillator Module ICs

CF5012 Datasheet (PDF)

Go To PDF Page Download Datasheet
CF5012 Datasheet PDF - Nippon Precision Circuits Inc

Part # CF5012
Download  CF5012 Click to download

File Size   83.32 Kbytes
Page   7 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Low-current Consumption Crystal Oscillator Module ICs

CF5012 Datasheet (HTML) - Nippon Precision Circuits Inc


CF5012 Product details

OVERVIEW
The CF5012 series are low-current consumption 3rd-harmonic crystal oscillator module ICs. Internal circuit optimization means these devices have reduced current consumption in comparison with our existing 3rd-harmonic oscillator devices. The crystal oscillator circuit has a built-in thin-film feedback resistor with good temperature characteristics and built-in capacitors with excellent frequency response, resulting in a stable 3rd order overtone oscillator with only the connection of a crystal element.

FEATURES
■ 3rd-harmonic oscillation
■ 2.7 to 3.6V operating supply voltage range
■ 30 to 45MHz recommended operating frequency range
■ Inverter amplifier feedback resistor built-in
■ Oscillator capacitors CG , CD built-in
■ Output three-state function (high impedance in standby mode)
■ fO output frequency (oscillator frequency)
■ 8mA output drive capability (VDD = 2.7V)
■ 6.5mA (typ) low current consumption (VDD = 3V, CL = 15pF, f = 40MHz)
■ CMOS output duty level
■ Chip form (CF5012×××)




Similar Part No. - CF5012

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
More results


Similar Description - CF5012

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com