Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5012 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5012
Description  Low-current Consumption Crystal Oscillator Module ICs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5012 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5012 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5012 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5012 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5012 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5012 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5012 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5012 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CF5012 series
NIPPON PRECISION CIRCUITS INC.—4
Switching Characteristics
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −20 to +80°C unless otherwise noted.
Current consumption and Output waveform with NPC’s standard crystal
FUNCTIONAL DESCRIPTION
Standby Function
When INHN goes LOW, the oscillator output on Q goes high impedance.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr
Measurement cct 3, load cct 1, 0.1VDD to 0.9VDD , CL = 15pF
–
2.0
4.0
ns
Output fall time
tf
Measurement cct 3, load cct 1, 0.9VDD to 0.1VDD , CL = 15pF
–
2.0
4.0
ns
Output duty cycle1
1. Monitored in sample lots.
Duty
Measurement cct 3, load cct 1, Ta = 25
°C, VDD = 3.0V,
CL = 15pF, f = 40MHz
40–60
%
Output disable delay time
tPLZ
Measurement cct 3, load cct 1, Ta = 25
°C, VDD = 3.0V,
CL = 15pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns
INHN
Q
Oscillator
HIGH (or open)
fO output frequency
Normal operation
LOW
High impedance
Normal operation
f (MHz)
R (
Ω)
L (mH)
Ca (fF)
Cb (pF)
40
20.53
11.34
1.396
3.989
L
Ca
R
Cb



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com