Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5012 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF5012
Description  Low-current Consumption Crystal Oscillator Module ICs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5012 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF5012 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5012 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5012 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5012 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5012 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5012 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5012 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CF5012 series
NIPPON PRECISION CIRCUITS INC.—3
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V, f ≤ 45MHz, CL = 15pF unless otherwise noted.
Electrical Characteristics
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −20 to +80°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.5 to +7.0
V
Input voltage range
VIN
−0.5 to VDD + 0.5
V
Output voltage range
VOUT
−0.5 to VDD + 0.5
V
Operating temperature range
Topr
−40 to +85
°C
Storage temperature range
Tstg
−65 to +150
°C
Output current
IOUT
25
mA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage
VDD
2.7
–
3.6
V
Input voltage
VIN
VSS
–VDD
V
Operating temperature
TOPR
−20
–
+80
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.7V, IOH = 8mA
2.2
2.4
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.7V, IOL = 8mA
–
0.3
0.4
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 3.6V
VOH = VDD
–
–
10
µA
VOL = VSS
–
–
10
µA
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
–
–
0.3VDD
V
Current consumption
IDD
Measurement cct 3, load cct 1, INHN = open, CL = 15pF,
f = 40MHz
–
6.5
13
mA
INHN pull-up resistance
RUP
Measurement cct 4
40
100
250
k
Ω
Feedback resistance
Rf
Measurement cct 5
2.63
3.1
3.57
k
Ω
Built-in capacitance
CG
Design value, determined by the internal wafer pattern
789
pF
CD
13
15
17
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com