Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC20013 Datasheet (PDF) - ANADIGICS, Inc

ADC20013 Datasheet PDF - ANADIGICS, Inc
Part # ADC20013
Download  ADC20013 Download
File Size   49.89 Kbytes
Page   4 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 950 - 2050 MHz DBS Tuner IC

ADC20013 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC20013 Datasheet PDF - ANADIGICS, Inc

Part # ADC20013
Download  ADC20013 Click to download

File Size   49.89 Kbytes
Page   4 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 950 - 2050 MHz DBS Tuner IC

ADC20013 Datasheet (HTML) - ANADIGICS, Inc


ADC20013 Product details

FEATURES
■ Monolithic BS tuner IC
■ On Chip Oscillator
■ 6 dB Noise Figure
■ 11 dB Conversion Gain
■ Single + 5V Supply
■ Small Size
■ Low Cost
■ High Reliability
■ Surface Mount Package




Similar Part No. - ADC20013

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
More results


Similar Description - ADC20013

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
TV TUNER IC
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
Silicon Tuner IC
Rev. 03-11 September 2008
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
Silicon Tuner IC
Rev. 04-19 May 2009
logo
Analog Devices
ADRF6704 AD-ADRF6704 Datasheet
1Mb / 36P
2050 MHz to 3000 MHz Quadrature Modulator
REV. 0
logo
KR Electronics, Inc.
3078-950 KR-3078-950 Datasheet
75Kb / 3P
950 MHz Bandpass Filter
logo
Maxim Integrated Produc...
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com