Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX01GLP Datasheet (PDF) - Honeywell Solid State Electronics Center

SX01GLP Datasheet PDF - Honeywell Solid State Electronics Center
Part # SX01GLP
Download  SX01GLP Download
File Size   82.64 Kbytes
Page   4 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi

SX01GLP Datasheet (PDF)

Go To PDF Page Download Datasheet
SX01GLP Datasheet PDF - Honeywell Solid State Electronics Center

Part # SX01GLP
Download  SX01GLP Click to download

File Size   82.64 Kbytes
Page   4 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi

SX01GLP Datasheet (HTML) - Honeywell Solid State Electronics Center


SX01GLP Product details

End of Production Scheduled for CPX, XPX, SCC, and SX Series (1 psi and Higher)

Today we are announcing that effective June 30, 2012, production will end for the CPX, XPX, SCC, and SX Series products with pressure ranges of 1 psi and higher. This notice does not affect SCC and SX SMT products. This notification is to allow customers a 12-month period to purchase these products to ensure a smooth transition to the new TruStability® platform. As announced last year, the TruStability® platform is intended to provide customers with numerous options along with industry-leading performance. The package options and product performance should allow customers to easily upgrade their existing CPX, XPX, SCC, and SX Series products to the TruStability® platform.




Similar Part No. - SX01GLP

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SX01GLP HONEYWELL-SX01GLP Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX01GLP HONEYWELL-SX01GLP Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results


Similar Description - SX01GLP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASDX ETC-ASDX Datasheet
104Kb / 4P
0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
SSCSHHN100MD2A5 HONEYWELL-SSCSHHN100MD2A5 Datasheet
1Mb / 12P
Total Error Band Amplified Compensated Digital Output, 1 psi to 150 psi 60mbar to 10 bar
1800-07D-L4N-B HONEYWELL-1800-07D-L4N-B Datasheet
346Kb / 4P
TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX30AD4 HONEYWELL-SX30AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
DS-0031 ASC-DS-0031 Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com