Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDX Datasheet (PDF) - List of Unclassifed Manufacturers

ASDX Datasheet PDF - List of Unclassifed Manufacturers
Part # ASDX
Download  ASDX Download
File Size   104.43 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT

ASDX Datasheet (PDF)

Go To PDF Page Download Datasheet
ASDX Datasheet PDF - List of Unclassifed Manufacturers

Part # ASDX
Download  ASDX Click to download

File Size   104.43 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT

ASDX Datasheet (HTML) - List of Unclassifed Manufacturers


ASDX Product details

This ASDX series is an amplified version of SenSym ICT’s proven performer and industry leading SDX series sensor. This amplified ASDX device is in a package with the slightly larger footprint as the SDX but it offers a high level (4.0 V span) output on a very cost effective basis. This family is fully calibrated and temperature compensated using an on-board ASIC. These sensors are intended for use with non-corrosive, non-ionic working fluids; such as air and dry gases.
Devices are available to measure absolute, differential, and gage pressures from 1 psi (ASDX01DN) through 100 psi (ASDX100). The absolute devices have an internal vacuum reference and an output voltage proportional to absolute pressure. Differential devices allow application of pressure to either side of the sensing diaphragm and can be used for gage or differential measurements.

FEATURES
   Piezoresistive Sensor
   Precision ASIC
   Conditioning
   High Level Output
   Temperature
   Compensated

APPLICATIONS
   Medical Instrumentation
   Barometry
   HVAC Controls
   Pneumatic Controls




Similar Part No. - ASDX

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ASDX HONEYWELL-ASDX Datasheet
312Kb / 6P
ASDX Series Silicon Pressure Sensors
logo
OSRAM GmbH
ASDX-00 OSRAM-ASDX-00 Datasheet
1Mb / 25P
Industrial High-Power Flood Illuminator
v4-00 2023-Apr-04
logo
ams-OSRAM AG
ASDX-00 AMSOSRAM-ASDX-00 Datasheet
1Mb / 25P
Industrial High-Power Flood Illuminator
v4-00 2023-Apr-04
logo
Sensortechnics GmbH
ASDX001D44D SENSORTECHNICS-ASDX001D44D Datasheet
66Kb / 6P
Signal conditioned pressure transducers
ASDX001D44D-A SENSORTECHNICS-ASDX001D44D-A Datasheet
93Kb / 5P
Signal conditioned high precision pressure transducers
More results


Similar Description - ASDX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2100 MOTOROLA-MPX2100 Datasheet
194Kb / 10P
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
Honeywell Solid State E...
1800-07D-L4N-B HONEYWELL-1800-07D-L4N-B Datasheet
346Kb / 4P
TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX30AD4 HONEYWELL-SX30AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
logo
Honeywell Solid State E...
MIP HONEYWELL-MIP Datasheet
1Mb / 8P
Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
09/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com