Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ASDX
Description  0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ASDX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ASDX Datasheet HTML 1Page - List of Unclassifed Manufacturers ASDX Datasheet HTML 2Page - List of Unclassifed Manufacturers ASDX Datasheet HTML 3Page - List of Unclassifed Manufacturers ASDX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASDX Series
0 to 1 psi through
0 to 100 psi
Pressure Transducers
APPLICATIONS
Medical
Instrumentation
Barometry
HVAC Controls
Pneumatic Controls
FEATURES
Piezoresistive Sensor
Precision ASIC
Conditioning
High Level Output
Temperature
Compensated
This ASDX series is an amplified version of SenSym
ICT’s proven performer and industry leading SDX
series sensor. This amplified ASDX device is in a
package with the slightly larger footprint as the
SDX but it offers a high level (4.0 V span) output
on a very cost effective basis. This family is fully
calibrated and temperature compensated using an
on-board ASIC. These sensors are intended for use
with non-corrosive, non-ionic working fluids; such
as air and dry gases.
Devices are available to measure absolute,
differential, and gage pressures from 1 psi
(ASDX01DN) through 100 psi (ASDX100). The
absolute devices have an internal vacuum reference
and an output voltage proportional to absolute
pressure. Differential devices allow application of
pressure to either side of the sensing diaphragm
and can be used for gage or differential
measurements.
All ASDX devices are accurate to within +/- 2.0%.
The devices are characterized for operation from a
single 5 volt supply. The sensor is designed and
manufactured according to standards laid down in
ISO 9001.
Contact your local SenSym ICT representative or
the factory for additional details.


Similar Part No. - ASDX

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ASDX HONEYWELL-ASDX Datasheet
312Kb / 6P
ASDX Series Silicon Pressure Sensors
logo
OSRAM GmbH
ASDX-00 OSRAM-ASDX-00 Datasheet
1Mb / 25P
Industrial High-Power Flood Illuminator
v4-00 2023-Apr-04
logo
ams-OSRAM AG
ASDX-00 AMSOSRAM-ASDX-00 Datasheet
1Mb / 25P
Industrial High-Power Flood Illuminator
v4-00 2023-Apr-04
logo
Sensortechnics GmbH
ASDX001D44D SENSORTECHNICS-ASDX001D44D Datasheet
66Kb / 6P
Signal conditioned pressure transducers
ASDX001D44D-A SENSORTECHNICS-ASDX001D44D-A Datasheet
93Kb / 5P
Signal conditioned high precision pressure transducers
More results

Similar Description - ASDX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2100 MOTOROLA-MPX2100 Datasheet
194Kb / 10P
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
Honeywell Solid State E...
1800-07D-L4N-B HONEYWELL-1800-07D-L4N-B Datasheet
346Kb / 4P
TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX30AD4 HONEYWELL-SX30AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
logo
Honeywell Solid State E...
MIP HONEYWELL-MIP Datasheet
1Mb / 8P
Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
09/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com