Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ASDX
Description  0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ASDX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ASDX Datasheet HTML 1Page - List of Unclassifed Manufacturers ASDX Datasheet HTML 2Page - List of Unclassifed Manufacturers ASDX Datasheet HTML 3Page - List of Unclassifed Manufacturers ASDX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ASDX Series
MUX
ASIC
OUT
220nF
(7)
A/D
D/A
+Vs
GND
C
BLOCK DIAGRAM
ELECTRICAL CONNECTIONS
(8)
MAXIMUM RATINGS
N/C
N/C
N/C
N/C
+Vs
Vout
GND
N/C
N/C
N/C
N/C
N/C
+Vs
Vout
GND
N/C
N/C
N/C
N/C
N/C
+Vs
Vout
GND
N/C
Vs (PIN 1)
IDENTIFIER
Vs (PIN 1)
IDENTIFIER
Vs (PIN 1)
IDENTIFIER
Pin Out
ASDXxxxD4
ASDXxxxG2
ASDXxxxA2
Supply Voltage (Vs)*
4.75V to 5.25Vdc
Maximum Supply Voltage*
6.50 Vdc (max.)
Consumption Current
6 mA (typ)
Output Current - sink
2 mA (max.)
Output Current - source
2 mA (max.)
Lead Temperature (2-4 Sec.)
250°C
*Note: The sensor is not reverse polarity protected. Incorrect application of excitation voltage or ground to the
wrong pin can cause electrical failure. Application of supply voltage above the maximum can cause
electrical failure.
ENVIRONMENTAL SPECIFICATIONS (ALL DEVICES)
Temperature Ranges:
Compensated:
0°C to + 85°C
Vibration: 10G at 20-2000 Hz
Operating: -20°C to +105°C
Shock: 50G for 11 ms
Storage: -40°C to +125°C
Life: 1 Million cycles minimum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com