Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDX Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ASDX
Description  0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ASDX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ASDX Datasheet HTML 1Page - List of Unclassifed Manufacturers ASDX Datasheet HTML 2Page - List of Unclassifed Manufacturers ASDX Datasheet HTML 3Page - List of Unclassifed Manufacturers ASDX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ASDX Series
0 to 1 psi through 0 to 100 psi
Pressure Transducers
0.050
typ
0.665
0.310
typ
0.550
0.133
0.143
0.320
0.070
.655
±.025
0.325 typ
0.090
typ
0.165
0.350
0.100 typ
.050 typ
.550
.665
.124
.193
.655
±.025
.350
.200
0.105
.177
.100 typ
.050 typ
0.333
.665
0.275
.550
.655
±.025
.350
.315
0.090 typ
.100 typ
.177
1 408 954 6700
FAX: 408 954 9458
SenSym ICT
1804 McCarthy Boulevard
Milpitas, CA 95035
www.pressure.invensys.com
PHYSICAL DIMENSIONS
ORDERING INFORMATION - PART # DESCRIPTION
D4 Package
G2 Package
A2 Package
SenSym ICT reserves the right to make changes to any products herein. SenSym ICT does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the
rights of others.
xxx
Device Output:
4R= 0.5 - 4.5Vdc
4D*
4H*
001 = 0 - 1
D, G
4M*
005 = 0 - 5
D, G
015 = 0 - 15
D, G, A
Package Style and Type
030 = 0 - 30
D, G, A
100 = 0 - 100
D, G, A
A2 = DIP Package, Absolute
D4 = DIP Package, Differential
*) Contact factory for additional information
D2, G2 = DIP Package, Gage
4D* -> 2.5
± 2Vdc
4H* -> 0.25 - 4.25Vdc
4M* -> 0.2 - 4.7Vdc
Pressure Range (psi)
Pressure Transducer
4X
SenSym ICT
ASDX
XX
To order, use the following part number(s)
Pressure
Range
Absolute
Gage
Differential/Gage
0 –
1 PSI
–
ASDX001G24R
ASDX001D44R
0 –
5 PSI
–
ASDX005G24R
ASDX005D44R
0 – 15 PSI
ASDX015A24R
ASDX015G24R
ASDX015D44R
0 – 30 PSI
ASDX030A24R
ASDX030G24R
ASDX030D44R
0 – 100 PSI
ASDX100A24R
ASDX100G24R
ASDX100D44R
For example: Part #ASDX015A24R = ASDX device , 15psi
absolute, A2 Package, 0.5 – 4.5V Output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com