Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP Datasheet (PDF) - Honeywell Solid State Electronics Center

MIP Datasheet PDF - Honeywell Solid State Electronics Center
Part # MIP
Download  MIP Download
File Size   1887.56 Kbytes
Page   8 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi

MIP Datasheet (PDF)

Go To PDF Page Download Datasheet
MIP Datasheet PDF - Honeywell Solid State Electronics Center

Part # MIP
Download  MIP Click to download

File Size   1887.56 Kbytes
Page   8 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi

MIP Datasheet (HTML) - Honeywell Solid State Electronics Center


MIP Product details

FEATURES
• Rugged, stainless steel construction
• Ratiometric output: 0.5 Vdc to 4.5 Vdc
• Current output: 4 mA to 20 mA
• Operating temperature: -40°C to 125°C
• Total Error Band: ±0.75 %FSS to
±1.0 %FSS (-40°C to 125°C) for voltage output
• Industry-leading accuracy:
±0.15 %FSS BFSL for voltage output
• Long term stability: ±0.25 %FSS
• Radiated immunity: 100 V/m
• Drinking water approval:
NSF/ANSI/CAN 61
• CE, UKCA, RoHS, REACH compliant
• Mis-wiring protection




Similar Part No. - MIP

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
MIP VIGO-MIP Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-100K VIGO-MIP-10-100K Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-100M VIGO-MIP-10-100M Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-10M VIGO-MIP-10-10M Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-1M VIGO-MIP-10-1M Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
More results


Similar Description - MIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASDX ETC-ASDX Datasheet
104Kb / 4P
0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
logo
Ralston Instruments.
DP0V-15PSIG-D RALSTON-DP0V-15PSIG-D Datasheet
331Kb / 2P
DP0V (100 psi / 7 bar) pump, 15 psi digital gauge
DP0V-15PSIG-M RALSTON-DP0V-15PSIG-M Datasheet
332Kb / 2P
DP0V (100 psi / 7 bar) pump, 15 psi analog gauge
logo
Honeywell Solid State E...
SSCSHHN100MD2A5 HONEYWELL-SSCSHHN100MD2A5 Datasheet
1Mb / 12P
Total Error Band Amplified Compensated Digital Output, 1 psi to 150 psi 60mbar to 10 bar
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX30AD4 HONEYWELL-SX30AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
DS-0031 ASC-DS-0031 Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com