Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # MIP
Description  Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

MIP Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

  MIP Datasheet HTML 1Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 2Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 3Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 4Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 5Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 6Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 7Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
32354483-C-EN | C | 09/21
© 2021 Honeywell International Inc. All rights reserved.
Honeywell
Advanced Sensing Technologies
830 East Arapaho Road
Richardson, TX 75081
sps.honeywell.com/ast
WARRANTY/REMEDY
Honeywell warrants goods of its
manufacture as being free of defective
materials and faulty workmanship
during the applicable warranty period.
Honeywell’s standard product warranty
applies unless agreed to otherwise by
Honeywell in writing; please refer to
your order acknowledgment or consult
your local sales office for specific
warranty details. If warranted goods
are returned to Honeywell during the
period of coverage, Honeywell will
repair or replace, at its option, without
charge those items that Honeywell,
in its sole discretion, finds defective.
The foregoing is buyer’s sole remedy
and is in lieu of all other warranties,
expressed or implied, including those
of merchantability and fitness for a
particular purpose. In no event shall
Honeywell be liable for consequential,
special, or indirect damages.
While Honeywell may provide
application assistance personally,
through our literature and the
Honeywell web site, it is buyer’s
sole responsibility to determine
the suitability of the product in the
application.
Specifications may change without
notice. The information we supply is
believed to be accurate and reliable
as of this writing. However, Honeywell
assumes no responsibility for its use.
m WARNING
PERSONAL INJURY
DO NOT USE these products as safety
or emergency stop devices or in any
other application where failure of the
product could result in personal injury.
Failure to comply with these
instructions could result in death or
serious injury.
ADDITIONAL MATERIALS
The following associated literature is
available on our website:
• Product range guide
• Application-specific and technical
information
• CAD Models
FOR MORE INFORMATION
Honeywell Advanced Sensing
Technologies services its customers
through a worldwide network of sales
offices and distributors. For application
assistance, current specifications,
pricing or the nearest Authorized
Distributor, visit our website or call:
USA/Canada
+1 302 613 4491
Latin America
+1 305 805 8188
Europe
+44 1344 238258
Japan
+81 (0) 3-6730-7152
Singapore
+65 6355 2828
Greater China
+86 4006396841



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com