Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # MIP
Description  Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

MIP Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  MIP Datasheet HTML 1Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 2Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 3Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 4Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 5Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 6Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 7Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MIP SERIES HEAVY DUTY, MEDIA-ISOLATED PRESSURE TRANSDUCERS
MIP Series Heavy Duty, Media-Isolated Pressure Transducers Datasheet | sps.honeywell.com/ast |
5
TABLE 6. OUTPUT DIAGNOSTIC CODE FOR RATIOMETRIC OUTPUT
FAULT CONDITION
ANALOG DIAGNOSTIC RAIL
Sensor internal failures
97.5 % of Vsupply (See Figure 2.)
Over pressure
97.5 % of Vsupply (See Figure 2.)
Under pressure (for sealed gage only)
2.5 % of Vsupply (See Figure 2.)
Power or ground loss
high (external pull-up resistor)
Power or ground loss
low (external pull-down resistor)
Total
Error
Band
Accuracy
BFSL
Sources of Error
Thermal Hysteresis
Thermal Effect on Offset
Thermal Effect on Span
Pressure Non-Linearity
Pressure Hysteresis
Full Scale Span
Offset
Pressure Non-Repeatability
-20°C
[-4°F]
-40°C
[-40°F]
0
85°C
[185°F]
0°C
[32°F]
125°C
[257°F]
1
2
3
-1
-2
-3
Temperature (°C [°F])
Total Error Band
Total Error Band (TEB) is a single specification that includes
the major sources of sensor error. TEB should not be confused
with accuracy, which is actually a component of TEB. TEB is the
maximum error that the sensor could experience.
Honeywell uses the TEB specification in its datasheet because it is
the most comprehensive measurement of a sensor’s true accuracy.
Honeywell also provides the accuracy specification in order to
provide a common comparison with competitors’ literature that
does not use the TEB specification.
FIGURE 5. TEB COMPONENTS FOR THE MIP SERIES
Many competitors do not use TEB—they simply specify the
accuracy of their device. Their accuracy specification, however,
may exclude certain parameters. On their datasheet, the errors
are listed individually. When combined, the total error (or what
would be TEB) could be significant.
TOTAL ERROR BAND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com