Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # MIP
Description  Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

MIP Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  MIP Datasheet HTML 1Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 2Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 3Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 4Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 5Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 6Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 7Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DESCRIPTION
The MIP Series offers a heavy duty,
media-isolated pressure transducer in a
compact, stainless steel construction for
use with a wide range of media including
aggressive fluids and water. The MIP
Series provides a cost-competitive
solution for wide-ranging potential
applications in tough environments.
VALUE TO CUSTOMERS
• Total Error Band (TEB) ±0.75 %FSS
(Full Scale Span) from -40°C to 125°C
for ratiometric output: Provides true
measurement performance over the
compensated temperature range;
small error promotes system uptime
and efficiency (see Figure 4).
• 4 mA to 20 mA output: Supports
transmission of output signals over
longer distances
• EMC performance: Operates reliably
in the presence of electromagnetic
fields, such as wireless signals, RF
communication, and electrical devices.
• Hermetically welded design: Supports
almost any media without the use of an
internal seal. The sensors are designed to
be used in harsh environments which see
aggressive media.
DIFFERENTIATION
• Diagnostics: Beneficial in applications
where the sensor functionality and
the need to know internal or external
failure modes is critical.
• Great customer value: Multiple
configuration possibilities provide
flexibility of use in the application with
no up front NRE or tooling charges.
• Durable: Provides the tough
environmental capabilities needed,
including long-term stability, insulation
resistance and dielectric strength,
external freeze-thaw resistance for
the Metri-Pack 150 versions and EMC
performance.
32354483
Issue C
TABLE 1. POTENTIAL APPLICATIONS
INDUSTRY
MEDIA
Industrial:
pumps
compressors
process
water, hydraulic fluids
compressed air
food, beverage, oil, gas, steam
HVAC/R
refrigerants (butane, propane, ammonia, CO
2, R134A, R407C,
R410A, R448A/Solstice® N40, R32 and R1234ze, R1234yf,
glycol + water
Transportation
gasoline, diesel fuel, engine oil, brake fluid, coolants, CNG
Medical
O
2, N2, CO2, N2O, air
FEATURES
• Rugged, stainless steel construction
• Ratiometric output: 0.5 Vdc to 4.5 Vdc
• Current output: 4 mA to 20 mA
• Operating temperature: -40°C to
125°C
• Total Error Band: ±0.75 %FSS to
±1.0 %FSS (-40°C to 125°C) for
voltage output
• Industry-leading accuracy:
±0.15 %FSS BFSL for voltage output
• Long term stability: ±0.25 %FSS
• Radiated immunity: 100 V/m
• Drinking water approval:
NSF/ANSI/CAN 61
• CE, UKCA, RoHS, REACH compliant
• Mis-wiring protection
Certified to
NSF/ANSI/CAN 61
MIP SERIES
Heavy Duty, Media-Isolated Pressure Transducers
1 bar to 60 bar | 15 psi to 870 psi
PORTFOLIO
Honeywell offers a variety
of heavy duty pressure
transducers for potential use in
industrial and transportation
applications. To view the entire
product portfolio, click here.


Similar Part No. - MIP

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
MIP VIGO-MIP Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-100K VIGO-MIP-10-100K Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-100M VIGO-MIP-10-100M Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-10M VIGO-MIP-10-10M Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-1M VIGO-MIP-10-1M Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
More results

Similar Description - MIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASDX ETC-ASDX Datasheet
104Kb / 4P
0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
logo
Ralston Instruments.
DP0V-15PSIG-D RALSTON-DP0V-15PSIG-D Datasheet
331Kb / 2P
DP0V (100 psi / 7 bar) pump, 15 psi digital gauge
DP0V-15PSIG-M RALSTON-DP0V-15PSIG-M Datasheet
332Kb / 2P
DP0V (100 psi / 7 bar) pump, 15 psi analog gauge
logo
Honeywell Solid State E...
SSCSHHN100MD2A5 HONEYWELL-SSCSHHN100MD2A5 Datasheet
1Mb / 12P
Total Error Band Amplified Compensated Digital Output, 1 psi to 150 psi 60mbar to 10 bar
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX30AD4 HONEYWELL-SX30AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
DS-0031 ASC-DS-0031 Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com