Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # MIP
Description  Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

MIP Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  MIP Datasheet HTML 1Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 2Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 3Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 4Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 5Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 6Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 7Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIP SERIES HEAVY DUTY, MEDIA-ISOLATED PRESSURE TRANSDUCERS
MIP Series Heavy Duty, Media-Isolated Pressure Transducers Datasheet | sps.honeywell.com/ast |
2
TABLE 3. PERFORMANCE SPECIFICATIONS (AT 25°C [77°F] AND UNDER UNLESS OTHERWISE NOTED.)
CHARACTERISTIC
RATIOMETRIC OUTPUT
CURRENT OUTPUT
Total Error Band1
>10 bar or >150 psi: ±0.75 %FSS (-40°C to 125°C)
<10 bar or <150 psi: ±1.0 %FSS2 (-40°C to 125°C)
±1.0 %FSS (-20°C to 85°C)
±2.0 %FSS (-40°C to 125°C)
Operating temperature range
-40°C to 125°C [-40°F to 257°F]
Accuracy BFSL3
±0.15 %FSS
±0.25 %FSS
Long term stability (1000 hr, 25°C)
±0.25 %FSS
Typical output resolution
0.05 % Full Scale Pressure
Typical response time4
1 ms
2 ms
Startup time5
7 ms
EMC rating (CE Conformity):
surge immunity (all leads)
electrostatic discharge
radiated immunity
fast transient burst
immunity to conducted disturbances
radiated emissions
±1 kV line to ground per IEC 61000-4-5
±4 kV contact, ±8 kV air per IEC 61000-4-2
10 V/m (80 MHz to 1000 MHz) per IEC 61000-4-3
±1 kV per IEC 61000-4-4
3 V (150 kHz to 80 MHz) per IEC 61000-4-6
40 dBµV (30 MHz to 230 MHz), 47 dBµV (230 MHz to 1000 MHz) per CISPR 11
Radiated immunity
100 V/m (200 MHz to 2.5 GHz) per ISO 11452-2
100 V/m (300 MHz to 2.7 GHz) per ISO 11452-2
100 V/m (100 kHz to 400 MHz) per ISO 11452-5
Insulation resistance
>100 MΩ at 1k Vdc (60 s)
Dielectric strength
<1 mA at 500 Vac (60 s)
<1 mA at 1000 Vac (60 s)
Life
>10 million full scale pressure cycles
1
Total Error Band: The maximum deviation from the ideal transfer function over the entire compensated temperature and pressure range.
Includes all errors due to offset, full scale span, pressure non-linearity, pressure hysteresis, pressure non-repeatability, thermal effect on offset,
thermal effect on span, and thermal hysteresis (see Figure 5).
2
TEB: Above 100°C [212°F] for pressure ratings less than 4 bar [58 psi], TEB is ±1.5 %FSS for ratiometric outputs and 2.0 % FSS for other outputs.
3
Accuracy: The maximum deviation in output from a Best Fit Straight Line (BFSL) fitted to the output measured over the pressure range at 25°C
[77°F]. Includes all errors due to pressure non-linearity, pressure hysteresis, and pressure non-repeatability.
4
Response time: The time taken by the transducer to change output from 10 % to 90 % of full scale in response to a 0 % to 100 % full scale step
input pressure.
5
Startup time: The time needed to receive valid output after power up.
TABLE 2. ELECTRICAL SPECIFICATIONS (AT 25°C [77°F] AND UNDER UNLESS OTHERWISE NOTED.)
CHARACTERISTIC
RATIOMETRIC OUTPUT (AA)
CURRENT OUTPUT (CH)
Supply voltage (Vs)
5.0 Vdc ±0.25 Vdc
8 Vdc to 30 Vdc1
Output transfer function
10 % to 90 % of Vs
4 mA to 20 mA
Output load (pull up or pull down)
> 2 kΩ
(Vs - 8) x 50Ω2
Short circuit protection
yes
Current consumption
6.5 mA ±1 mA
_
Over/reverse voltage
±40 Vdc
±35 Vdc
1
Supply voltage: Must be de-rated to 8 Vdc to 25 Vdc for above 100°C to 125°C [212°F to 257°F].
2
Applies at 25°C [77°F]. See Figure 4 for Current Output Supply Voltage.
TABLE 4. ENVIRONMENTAL AND MECHANICAL SPECIFICATIONS
CHARACTERISTIC
PARAMETER
Shock
100 G per MIL-STD-202, Method 213, Cond. C (at 25°C [77°F])
Vibration
20 G sweep, 10 Hz to 2000 Hz (at 25°C [77°F])
Ingress protection:
Metri-Pack 150 versions
cable harness versions
IP65, IP67
IP65, IP67, IP69K
External freeze/thaw resistance
>6 cycles from -30°C to 50°C [-22°F to 122°F] (Metri-Pack 150 versions only)
Wetted materials:
port
diaphragm
external seal for ports
stainless steel 304L
stainless steel 316L
nitrile (-30°C to 100°C [-22°F to 212°F]) (other materials available)
Electrical connector material
PBT 30 %GF (UL V-0)
Cable material (jacket and insulation)
TPE (Thermoplastic Elastomer) flame retardant-type cable is FT1 rated per CSA
AWM-I-A/B-II-A/B specification, -40°C to 125°C [-40°F to 257°F], three 24 AWG wires.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com