Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # MIP
Description  Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

MIP Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  MIP Datasheet HTML 1Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 2Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 3Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 4Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 5Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 6Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 7Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MIP SERIES HEAVY DUTY, MEDIA-ISOLATED PRESSURE TRANSDUCERS
MIP Series Heavy Duty, Media-Isolated Pressure Transducers Datasheet | sps.honeywell.com/ast |
3
FIGURE 1. NOMENCLATURE AND ORDER GUIDE
MIP A N1 X X 010B S AA X1
Electrical Connector Type
Special
Output Transfer Function
Media Isolated Pressure
MIP
A
1
Contact Honeywell Sales for custom configurations.
2
See Table 4 for cable material specifications.
3
Other external seal materials are available for G1, G2, and M1 Pressure port types.
4
Sealed gage option only available in pressure ranges at or above 8 bar | 100 psi.
Pressure Range
bar
015P
030P
050P
060P
100P
150P
200P
250P
300P
001B
002B
004B
006B
008B
010B
012B
016B
1 bar
2 bar
4 bar
6 bar
8 bar
10 bar
12 bar
16 bar
15 psi
30 psi
50 psi
60 psi
100 psi
150 psi
200 psi
250 psi
300 psi
X
Series
AA
020B
025B
035B
040B
046B
050B
055B
060B
20 bar
25 bar
35 bar
40 bar
46 bar
50 bar
55 bar
60 bar
500P
600P
667P
700P
750P
800P
850P
870P
500 psi
600 psi
667 psi
700 psi
750 psi
800 psi
850 psi
870 psi
psi
F1
7/16-20 UNF
1/4 inch 45° Flare
Female Schrader
(SAE J512)
N1
N2
1/4-18 NPT
(ANSI/ASME B1.20.1)
1/8-27 NPT
(ANSI/ASME B1.20.1)
M12 x 1.53
(ISO 6149-3)
G1/4 A-G3
(ISO 1179-3)
M1
G1
Pressure Port Type
G1/4 A-L3
(ISO 1179-2)
G2
Metri-Pack 150,
Standard (UL V-0)
For example,
MIPAN1XX010BSAAX defines an MIP Series Heavy Duty, Media Isolated Pressure Transducer,
Metri-Pack 150, standard (UL V-0) electrical connector type, 1/4-18 NPT pressure port type, 10 bar pressure
range, sealed gage pressure reference, ratiometric: 5 Vs, 10% to 90% Vs output transfer function
A Absolute
S Sealed gage4
Special
X
X
Pressure Reference
Ratiometric: 5.0 Vs, 10% to 90% Vs
K Cable harness
2
,
0.5 m [1.3 ft] cable length
E Cable harness
2
,
1.0 m [3.2 ft] cable length
F
Cable harness2,
2,0 m [6.6 ft] cable length
G Cable harness for CH output transfer
function2, 3,0 m [9.8 ft] cable length
H Cable harness for CH output transfer
function2, 5,0 m [16.4 ft] cable length
CH Current: 4 mA to 20 mA
CAUTION
PRODUCT DAMAGE DUE TO MISUSE
• Ensure torque specifications are determined for the specific application. Values provided are for reference only. (Mating
materials and thread sealants can result in significantly different torque values from one application to the next.)
• Use appropriate tools (such as an open-ended wrench or deep well socket) to install transducers.
• Ensure that the proper mating electrical connector with a seal is used to connect the transducer. Improper or damaged seals
can compromise ingress protection, leading to short circuits.
• Ensure that filters are used upstream of the transducers to keep media flow free of particulates. MIP Series transducers are
dead-end devices. Particulate accumulation may clog the port or damage the diaphragm.
• Ensure that the transducer is mounted in a vertical position with the process connection (pressure port) downward to avoid
particular deposits.
• Ensure that the media does not create a residue when dried. Build-up of residue inside the transducer may affect transducer
output.
• Ensure that the transducer housing is properly grounded.
• For cable harness versions, ensure that the cable bend radius is maintained at a minimum of 38 mm [1.50 in] in the end
application assembly.
Failure to comply with these instructions may result in product damage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com