Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # MIP
Description  Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

MIP Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

  MIP Datasheet HTML 1Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 2Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 3Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 4Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 5Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 6Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 7Page - Honeywell Solid State Electronics Center MIP Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MIP SERIES HEAVY DUTY, MEDIA-ISOLATED PRESSURE TRANSDUCERS
MIP Series Heavy Duty, Media-Isolated Pressure Transducers Datasheet | sps.honeywell.com/ast |
7
FIGURE 7. CABLE HARNESS MOUNTING DIMENSIONS (FOR REFERENCE ONLY. MM/[IN])
F1: 7/16-20 UNF 1/4 inch 45° Flare Female Schrader (SAE J512)
Seal: 45° cone
Mating geometry: SAE J512
Installation torque: 17 N m [12 ft-lb]
Weight: 68 g [2.4 oz]
G1: G1/4 A-G (ISO 1179-3)
Seal: O-ring (included) and retaining ring ISO 1179-3-G1/4
(not included)
Mating geometry: ISO 1179-1
Installation torque: 20 N m [14.7 ft-lb]
Weight: 65 g [2.3 oz]
G2: G1/4 A-L (ISO 1179-2)
Seal: ISO 9974-2/DIN 3869 profile ring (included)
Mating geometry: ISO 1179-1
Installation torque: 20 N m [15 ft-lb]
Weight: 68 g [2.4 oz]
M1: M12 x 1.5 (ISO 6149-3)
Seal: O-ring (included)
Mating geometry: ISO 6149-1
Installation torque: 20 N m [15 ft-lb]
Weight: 66 g [2.3 oz]
N1: 1/4-18 NPT
Seal: Pipe thread
Mating geometry: ANSI B1.20.1
Installation torque: Two to three turns from finger tight
Weight: 79 g [2.5 oz]
N2: 1/8-27 NPT
Seal: Pipe thread
Mating geometry: ANSI B1.20.1
Installation torque: Two to three turns from finger tight
Weight: 62 g [2.2 oz]
Product Marking
Wireout with Free Ends
Ø4,75
[0.187]
43,1
[1.70]
1000
[39.4]
31,9
[1.26]
10,2
[0.40]
11,2
[0.44]
Ø4,75
[0.187]
43,1
[1.70]
1000
[39.4]
31,9
[1.26]
10,2
[0.40]
11,2
[0.44]
0-Ring
Ø4,75
[0.187]
45,9
[1.81]
1000
[39.4]
31,9
[1.26]
10,2
[0.40]
14,0
[0.55]
Profile ring
Ø4,75
[0.187]
45,4
[1.79]
1000
[39.4]
31,9
[1.26]
10,2
[0.40]
13,5
[0.53]
O-Ring
Ø4,75
[0.187]
46,9
[1.85]
1000
[39.4]
31,9
[1.26]
10,2
[0.40]
15,0
[0.59]
Ø4,75
[0.187]
43,1
[1.70]
1000
[39.4]
31,9
[1.26]
10,2
[0.40]
11,2
[0.44]
22,0 AF
[0.87]
MIPXXXXXXXXXXXXX
H
YYMMDD XXXXX
16-Digit product listing
5-Digit serial number
6-Digit date
Honeywell
logo
CE Mark
CE
NSF Mark
NSF-61
UKCA Mark
Ratiometric Voltage Output
Black = Ground
Red = V+
White = Vout
Current Output
Black = Return
Red = Supply
2-wire
3-wire
22,0 AF
[0.87]
MIPXXXXXXXXXXXXX
H
YYMMDD XXXXX
16-Digit product listing
5-Digit serial number
6-Digit date
Honeywell
logo
CE Mark
CE
NSF Mark
NSF-61
UKCA Mark
Ratiometric Voltage Output
Black = Ground
Red = V+
White = Vout
Current Output
Black = Return
Red = Supply
2-wire
3-wire



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com