Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT4250 Datasheet (PDF) - Advanced Analogic Technologies

AAT4250 Datasheet PDF - Advanced Analogic Technologies
Part # AAT4250
Download  AAT4250 Download
File Size   193.04 Kbytes
Page   12 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Slew Rate Controlled Load Switch

AAT4250 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT4250 Datasheet PDF - Advanced Analogic Technologies

Part # AAT4250
Download  AAT4250 Click to download

File Size   193.04 Kbytes
Page   12 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Slew Rate Controlled Load Switch

AAT4250 Datasheet (HTML) - Advanced Analogic Technologies


AAT4250 Product details

General Description
The AAT4250 SmartSwitch is a member of AnalogicTech’s Application Specific Power MOSFET™ (ASPM™) product family. It is a slew rate controlled P-channel MOSFET power switch designed for high-side load switching applications. This switch operates with an input voltage range from 1.8V to 5.5V, making it ideal for 2.5V, 3.3V, or 5V systems. The part features 1.5ms turn-on and 10µs turn-off time. The AAT4250 has an undervoltage lockout which turns off the switch when an under-voltage condition exists. Input logic levels are TTL compatible. The quiescent supply current is very low, typically 2µA. In shutdown mode, the supply current is typically reduced to 0.1µA or less.

Features
• 1.8V to 5.5V Input Voltage Range
• 120mΩ (5V) Typical RDS(ON)
• Low Quiescent Current:
    • Typical 2µA
    • Typical 0.1µA with Enable Off
• Only 2.0V Needed for ON/OFF Control
• Temperature Range: -40°C to +85°C
• 5kV ESD Rating
• SOT23-5 or SC70JW-8 Package

Applications
• Hot Swap Supplies
• Notebook Computers
• Personal Communication Devices




Similar Part No. - AAT4250

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4250 SKYWORKS-AAT4250 Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
July 31, 2012
logo
Advanced Analog Technol...
AAT4250IGV-T1 AAT-AAT4250IGV-T1 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
logo
Advanced Analogic Techn...
AAT4250IGV-T1 ANALOGICTECH-AAT4250IGV-T1 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
More results


Similar Description - AAT4250

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com