Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTU4411EE Datasheet (PDF) - NXP Semiconductors

CBTU4411EE Datasheet PDF - NXP Semiconductors
Part # CBTU4411EE
Download  CBTU4411EE Download
File Size   178.26 Kbytes
Page   21 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 11-bit DDR2 SDRAM MUX/bus switch with 12 ohm ON resistance

CBTU4411EE Datasheet (PDF)

Go To PDF Page Download Datasheet
CBTU4411EE Datasheet PDF - NXP Semiconductors

Part # CBTU4411EE
Download  CBTU4411EE Click to download

File Size   178.26 Kbytes
Page   21 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 11-bit DDR2 SDRAM MUX/bus switch with 12 ohm ON resistance

CBTU4411EE Datasheet (HTML) - NXP Semiconductors




Similar Part No. - CBTU4411EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTU4411EE NXP-CBTU4411EE Datasheet
178Kb / 21P
11-bit DDR2 SDRAM MUX/bus switch with 12 廓 ON resistance
Rev. 4 ??18 June 2012
More results


Similar Description - CBTU4411EE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
12-BIT 3:1 MUX/DEMUX SWITCH
logo
Pericom Semiconductor C...
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV16214 IDT-IDT74CBTLV16214 Datasheet
74Kb / 5P
LOW-VOLTAGE 12-BIT 3:1 MUX / DEMUX BUS SWITCH
logo
NXP Semiconductors
CBTV4010 PHILIPS-CBTV4010 Datasheet
72Kb / 10P
10-bit DDR SDRAM mux/bus switch
2002 Feb 19
CBTU4411 NXP-CBTU4411_09 Datasheet
115Kb / 20P
11-bit DDR2 SDRAM MUX/bus switch with 12 W ON resistance
Rev. 03-12 October 2009
logo
ON Semiconductor
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
Mux / Demux Bus Switch
September, 2014 ??Rev. 4
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
12-Channel, 2:1 Mux/DeMux Bus Switch
logo
NXP Semiconductors
CBTU4411 NXP-CBTU4411 Datasheet
178Kb / 21P
11-bit DDR2 SDRAM MUX/bus switch with 12 廓 ON resistance
Rev. 4 ??18 June 2012
CBTV24DD12A NXP-CBTV24DD12A Datasheet
727Kb / 21P
12-bit bus switch/multiplexer for DDR4-DDR3-DDR2 applications
Rev. 2 ??15 November 2017
logo
Nexperia B.V. All right...
CBT16211 NEXPERIA-CBT16211 Datasheet
195Kb / 9P
24-bit bus switch with 12-bit output enables
2001 Jun 13
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com