Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM17012C Datasheet (PDF) - Aplus Intergrated Circuits

ASM17012C Datasheet PDF - Aplus Intergrated Circuits
Part # ASM17012C
Download  ASM17012C Download
File Size   475.28 Kbytes
Page   7 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT

ASM17012C Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM17012C Datasheet PDF - Aplus Intergrated Circuits

Part # ASM17012C
Download  ASM17012C Click to download

File Size   475.28 Kbytes
Page   7 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT

ASM17012C Datasheet (HTML) - Aplus Intergrated Circuits


ASM17012C Product details

General Description
The ASM12712C/17012C is very low cost voice synthesizer with 4-bit microprocessor. It has various features including 4-bit ALU, ROM, RAM, I/O ports, timers, clock generator, watchdog timer(WDT), voicesynthesizer, etc. It consists of 22 instructions in the device. With CMOS technology and halt functioncan minimize power dissipation. Its architecture is similar to RISC, with two stages of instructionpipeline. It allows all instructions to be executed in a single cycle, except for program branches and data table read instructions (which need two instruction cycles).

Feature
◆ Single power supply can operate from 2.4V through 5V
◆ Internal Program ROM: 4K x 10-bit
◆ 1 sets of 19-bit DPR can access up to 512K x 10 bits data memory space
◆ Data Registers:
    • 96 x 4-bit data RAM (00-1Fh plus 40h-7Fh)
    • Unbanked special function registers (SFR) range: 20h-3Fh
◆ I/O Ports:
    • PRA: 4-bit I/O Port A (2Bh)
    • PRB: 4-bit Output Port B (2Dh)
    • PRC: 4-bit Input Port C (2Fh)
◆ On-chip clock generator: Resistive Clock Drive(RM)
◆ Timer: 1
    • Timer0: a 9-bit auto-reload timer/counter
◆ Stack: 2-level subroutine nesting
◆ HALT and Release from HALT function to reduce power consumption
◆ Watch Dog Timer (WDT)
◆ Instruction: 1-cycle instruction except for table read and program branches which are 2-cycles
◆ Number of instruction: 22




Similar Part No. - ASM17012C

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
ASM17012CB APLUS-ASM17012CB Datasheet
686Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results


Similar Description - ASM17012C

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API4000-6 APLUS-API4000-6 Datasheet
249Kb / 6P
very low cost voice synthesizer with 4-bit microprocessor
ASM0406CB APLUS-ASM0406CB Datasheet
677Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM0906CB APLUS-ASM0906CB Datasheet
563Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM12712C-1 APLUS-ASM12712C-1 Datasheet
462Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM2006C APLUS-ASM2006C Datasheet
419Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM25512C APLUS-ASM25512C Datasheet
617Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM3106C-1 APLUS-ASM3106C-1 Datasheet
647Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C-1 APLUS-ASM7306C-1 Datasheet
428Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C APLUS-ASM7306C Datasheet
613Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM8406C APLUS-ASM8406C Datasheet
451Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com