Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3112C Datasheet (PDF) - Aplus Intergrated Circuits

ASM3112C Datasheet PDF - Aplus Intergrated Circuits
Part # ASM3112C
Download  ASM3112C Download
File Size   475.13 Kbytes
Page   7 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR

ASM3112C Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM3112C Datasheet PDF - Aplus Intergrated Circuits

Part # ASM3112C
Download  ASM3112C Click to download

File Size   475.13 Kbytes
Page   7 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR

ASM3112C Datasheet (HTML) - Aplus Intergrated Circuits


ASM3112C Product details

1.0 General Description

The ASM3112C/4112C is very low cost voice synthesizer with 4-bit microprocessor. It has various

features including 4-bit ALU, ROM, RAM, I/O ports, timers, clock generator, watchdog timer(WDT)

voice synthesizer, etc. It consists of 22 instructions in the device. With CMOS technology and halt

function can minimize power dissipation. Its architecture is similar to RISC, with two stages of

instruction pipeline. It allows all instructions to be executed in a single cycle, except for program

branches and data table read instructions (which need two instruction cycles).



1.1 Feature

Single power supply can operate from 2.4V through 5.5V

Internal Program ROM: 4K x 10-bit

1 sets of 17-bit DPR can access up to 128K x 10 bits data memory space

Data Registers:

   • 96 x 4-bit data RAM (00-1Fh plus 40h-7Fh)

   • Unbanked special function registers (SFR) range: 20h-3Fh

I/O Ports:

   • PRA: 4-bit I/O Port A (2Bh)

   • PRB: 4-bit Output Port B (2Dh)

   • PRC: 4-bit Input Port C (2Fh)

On-chip clock generator: Resistive Clock Drive(RM)

Timer: 1

   • Timer0: a 9-bit auto-reload timer/counter

Stack: 2-level subroutine nesting

HALT and Release from HALT function to reduce power consumption

Watch Dog Timer (WDT)

Instruction: 1-cycle instruction except for table read and program branches which are 2-cycles

Number of instruction: 22

The Voice function can be implemented by microprocessor instruction

   • One 8-bit COUT output for ASM3112C/4112C



 




Similar Part No. - ASM3112C

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
ASM3112C-1 APLUS-ASM3112C-1 Datasheet
673Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results


Similar Description - ASM3112C

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API4000-6 APLUS-API4000-6 Datasheet
249Kb / 6P
very low cost voice synthesizer with 4-bit microprocessor
ASM0406CB APLUS-ASM0406CB Datasheet
677Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM0906CB APLUS-ASM0906CB Datasheet
563Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM12712C-1 APLUS-ASM12712C-1 Datasheet
462Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM2006C APLUS-ASM2006C Datasheet
419Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM25512C APLUS-ASM25512C Datasheet
617Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM3106C-1 APLUS-ASM3106C-1 Datasheet
647Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C-1 APLUS-ASM7306C-1 Datasheet
428Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C APLUS-ASM7306C Datasheet
613Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM8406C APLUS-ASM8406C Datasheet
451Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com