Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5206C-1 Datasheet (PDF) - Aplus Intergrated Circuits

ASM5206C-1 Datasheet PDF - Aplus Intergrated Circuits
Part # ASM5206C-1
Download  ASM5206C-1 Download
File Size   445.39 Kbytes
Page   7 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR

ASM5206C-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM5206C-1 Datasheet PDF - Aplus Intergrated Circuits

Part # ASM5206C-1
Download  ASM5206C-1 Click to download

File Size   445.39 Kbytes
Page   7 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR

ASM5206C-1 Datasheet (HTML) - Aplus Intergrated Circuits


ASM5206C-1 Product details

General Description

The ASM5206C is very low cost voice synthesizer with 4-bit microprocessor. It has various features including 4-bit ALU, ROM, RAM,I/O ports, timers, clock generator, watchdog timer(WDT), voice synthesizer, etc. It consists of 22 instructions in the device. With CMOS technology and halt function can minimize power dissipation. Its architecture is similar to RISC, with two stages of instruction pipeline. It allows all instructions to be executed in a single cycle, except for program branches and data table read instructions (which need two instruction cycles).



Feature

Single power supply can operate from 2.4V through 5V

Internal Program ROM: 4K x 10-bit 

1 sets of 18-bit DPR can access up to 160K x 10 bits data memory space

Data Registers:

  •  64 x 4-bit data RAM (00-1Fh plus 40h-5Fh)

  •  Unbanked special function registers (SFR) range: 20h-3Fh

I/O Ports:

  •  PRA: 4-bit I/O Port A (2Bh)

  • PRB: 2-bit Output Port B (2Dh)

On-chip clock generator:   Resistive Clock Drive(RM)

Timer: 1

   •  Timer0: a 9-bit auto-reload timer/counter

Stack: 2-level subroutine nesting 

HALT and Release from HALT function to reduce power consumption

Watch Dog Timer (WDT)

Instruction: 1-cycle instruction except for table read and program branches which are 2-cycles

Number of instruction: 22

The Voice function can be implemented by microprocessor instruction

   •  One 8-bit COUT output for ASMxxxxx




Similar Part No. - ASM5206C-1

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
ASM5206C APLUS-ASM5206C Datasheet
497Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results


Similar Description - ASM5206C-1

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API4000-6 APLUS-API4000-6 Datasheet
249Kb / 6P
very low cost voice synthesizer with 4-bit microprocessor
ASM0406CB APLUS-ASM0406CB Datasheet
677Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM0906CB APLUS-ASM0906CB Datasheet
563Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM12712C-1 APLUS-ASM12712C-1 Datasheet
462Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM2006C APLUS-ASM2006C Datasheet
419Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM25512C APLUS-ASM25512C Datasheet
617Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM3106C-1 APLUS-ASM3106C-1 Datasheet
647Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C-1 APLUS-ASM7306C-1 Datasheet
428Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C APLUS-ASM7306C Datasheet
613Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM8406C APLUS-ASM8406C Datasheet
451Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com