Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV0332E Datasheet (PDF) - Aplus Intergrated Circuits

AV0332E Datasheet PDF - Aplus Intergrated Circuits
Part # AV0332E
Download  AV0332E Download
File Size   203.67 Kbytes
Page   10 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description 3, 7, 14 Seconds Complicate Pure Speech

AV0332E Datasheet (PDF)

Go To PDF Page Download Datasheet
AV0332E Datasheet PDF - Aplus Intergrated Circuits

Part # AV0332E
Download  AV0332E Click to download

File Size   203.67 Kbytes
Page   10 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description 3, 7, 14 Seconds Complicate Pure Speech

AV0332E Datasheet (HTML) - Aplus Intergrated Circuits


AV0332E Product details

General Description
The AVXX32E -A are series of single-chip synthesizing CMOS VLSI IC which synthesizes voice by LOG_PCM algorithm. Table programming and shared multiple I/O pins make the applications flexible.

Features
• Operating voltage: 2.4V~5.0V
• One single-key can implement play-all, play-next and random function.
• Maximum play count is 16.
• Each input can implement looping function.
• Single-key input can be last-key priority for stand-alone input or first-key priority.
• Each input trigger can select trigger mode: (For OKY, TG0, TG1, TG3) Edge/Level, Hold/Unhold, Retrigger/Irretrigger.
• Each input trigger can select its own debounce time:
    Fast debounce: < 200us;
    Slow debounce: ~16ms (S.R.=6.0kHz)
• Support bouncing trigger solution for retrigger application. (Second trigger force to retrigger and slow debounce.)
• Maximum table entries are 204*4.
• Word count is only limited by ROM capacity.
• 3 output ports for Status or LED application:
    - OP_A Status:
        Busy_high, DC_low, Stop_high,DC_high
        LED: +Fast,+Slow, Dyn(7/10), Off
    - OP_B Status:
        Busy_high, DC_low, Stop_high, DC_high
        LED: -Fast, -Slow, Dyn(9/10), On
    - OP_C Status: Busy_high, DC_low,
        Busy_low, DC_high
        LED: +Fast, +Slow, On, Off
• Each output can specify its initial state (High or Low)
• Outputs can be set as constant current regardless of the supply voltage varied.
• Two PWM playing ports. Drive speaker or buzzer directly.
• Body define: 3, 7, 14 seconds. (Total ROM size : 18k,42k,84k)
• voice length(3s body:16384*5,7s body:40960*5,14s body:83968*5)
• Voice algorithm: 5-bits LOG_PCM
• External resister for system frequency
• Sixteen default sampling frequencies are supported. The default frequencies can be changed by applying an external resistor.
• Support single key play on/off. (For OKY, TG0, TG1)
• Programmable only pull-low input. (For OKY,TG3)
• Programmable pull-high, pull-low or floating input. (For TG0,TG1)
• TG3_OPC pin can option as input or output by mask option




Similar Part No. - AV0332E

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AV0332C APLUS-AV0332C Datasheet
269Kb / 13P
single-chip synthesizing CMOS VLSI
More results


Similar Description - AV0332E

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AVXX32E-B APLUS-AVXX32E-B Datasheet
343Kb / 11P
21, 32, 43, 65 and 87 Seconds Complicate Pure Speech
logo
Holtek Semiconductor In...
HT81003 HOLTEK-HT81003 Datasheet
136Kb / 11P
EasyVoiceTM 3-Second Speech
July 24, 2000
HT81003 HOLTEK-HT81003_02 Datasheet
142Kb / 8P
EasyVoiceTM 3-Second Speech
January 22, 2002
logo
OptoSupply Internationa...
OSG5XAT3C1E OPTOSUPPLY-OSG5XAT3C1E Datasheet
107Kb / 1P
5x5x1.3mmTops 3 Power Pure GreenLED
logo
Nuvoton Technology Corp...
N588H NUVOTON-N588H Datasheet
939Kb / 20P
3-CHANNEL SPEECHMELODY
logo
Mallory Sonalert Produc...
ZA028LDCM1 MSPI-ZA028LDCM1 Datasheet
131Kb / 1P
Mode of OperationChime @ Once per 3 Seconds
ZT028LACM1R MSPI-ZT028LACM1R Datasheet
132Kb / 1P
Chime Sound and Light @ 3 Seconds Repeating.
ZT028LACM1R15 MSPI-ZT028LACM1R15 Datasheet
132Kb / 1P
Chime Sound and Light @ 3 Seconds for 15 Seconds, then Flashing Light until Reset
ZT028LACM1R30 MSPI-ZT028LACM1R30 Datasheet
132Kb / 1P
Chime Sound and Light @ 3 Seconds for 30 Seconds, then Flashing Light until Reset
MSE14MCM1 MSPI-MSE14MCM1 Datasheet
43Kb / 1P
Chime Once per 3 Seconds
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com