Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1119 Datasheet (PDF) - ams AG

AS1119 Datasheet PDF - ams AG
Part # AS1119
Download  AS1119 Download
File Size   3224.24 Kbytes
Page   31 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 144-LED Cross-Plexing Driver with 320mA Charge-Pump

AS1119 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1119 Datasheet PDF - ams AG

Part # AS1119
Download  AS1119 Click to download

File Size   3224.24 Kbytes
Page   31 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 144-LED Cross-Plexing Driver with 320mA Charge-Pump

AS1119 Datasheet (HTML) - ams AG




Similar Part No. - AS1119

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
Voltage Comparator
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
Operates from single 5V supply
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110 Datasheet
1,004Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
More results


Similar Description - AS1119

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5608 ONSEMI-NCP5608 Datasheet
190Kb / 16P
Multiple LED Charge Pump Driver
June, 2006 ??Rev. 1
logo
Semtech Corporation
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
logo
SG Micro Corp
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
Charge Pump LED Driver
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
Charge Pump LED Driver
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
Flash LED Driver with 700mA Charge Pump
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
Charge Pump LED Driver
logo
ams AG
AS1130 AMSCO-AS1130_V01 Datasheet
1Mb / 66P
132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com