Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP120 Datasheet (PDF) - Microchip Technology

MCP120 Datasheet PDF - Microchip Technology
Part # MCP120
Download  MCP120 Download
File Size   167.48 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Microcontroller Supervisory Circuit with Open Drain Output

MCP120 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP120 Datasheet PDF - Microchip Technology

Part # MCP120
Download  MCP120 Click to download

File Size   167.48 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Microcontroller Supervisory Circuit with Open Drain Output

MCP120 Datasheet (HTML) - Microchip Technology


MCP120 Product details

DESCRIPTION
The Microchip Technology Inc. MCP120/130 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized.
It also operates as protection from brown-out conditions when the supply voltage drops below a safe operating level. Both devices are available with a choice of seven different trip voltages and both have open drain outputs.

FEATURES
• Holds microcontroller in reset until supply voltage
reaches stable operating level
• Resets microcontroller during power loss
• Precision monitoring of 3V, 3.3V and 5V systems
• 7 voltage trip points available




Similar Part No. - MCP120

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP120 MICROCHIP-MCP120 Datasheet
221Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
2001
MCP120-270DI MICROCHIP-MCP120-270DI Datasheet
221Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
2001
MCP120-270DI MICROCHIP-MCP120-270DI Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120-270FI MICROCHIP-MCP120-270FI Datasheet
221Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
2001
MCP120-270GI MICROCHIP-MCP120-270GI Datasheet
221Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
2001
More results


Similar Description - MCP120

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
Buffer with open-drain output
2004 Sep 07
logo
Microchip Technology
MCP101 MICROCHIP-MCP101 Datasheet
222Kb / 8P
Microcontroller Supervisory Circuit with Push-Pull Output
1999
MCP120 MICROCHIP-MCP120 Datasheet
221Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
2001
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
Inverter with Open Drain Output
logo
Microchip Technology
MCP100 MICROCHIP-MCP100_01 Datasheet
281Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
2001
MCP809 MICROCHIP-MCP809 Datasheet
320Kb / 14P
MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
2001
MCP130T-315ITT MICROCHIP-MCP130T-315ITT Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP100-450DI-TO MICROCHIP-MCP100-450DI-TO Datasheet
308Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
08/01/01
MCP120T-450I-TT MICROCHIP-MCP120T-450I-TT Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120-450DI MICROCHIP-MCP120-450DI Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com