Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP120 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP120
Description  Microcontroller Supervisory Circuit with Open Drain Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP120 Datasheet(HTML) 5 Page - Microchip Technology

  MCP120 Datasheet HTML 1Page - Microchip Technology MCP120 Datasheet HTML 2Page - Microchip Technology MCP120 Datasheet HTML 3Page - Microchip Technology MCP120 Datasheet HTML 4Page - Microchip Technology MCP120 Datasheet HTML 5Page - Microchip Technology MCP120 Datasheet HTML 6Page - Microchip Technology MCP120 Datasheet HTML 7Page - Microchip Technology MCP120 Datasheet HTML 8Page - Microchip Technology MCP120 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2001 Microchip Technology Inc.
DS11184D-page 5
MCP120/130
2.3
Effect of Temperature on Timeout
Period (tRPU)
The timeout period (tRPU) determines how long the
device remains in the reset condition. This is controlled
by an internal RC timer and is effected by both VDD
and temperature. The graph shown in Figure 2-3
shows typical response for different VDD values and
temperatures.
Figure 2-3:
tRPU vs. Temperature
Figure 2-4:
IDD vs. Temperature
Figure 2-5:
Normalized VTRIP vs. Temperature
Figure 2-6:
VOL vs. IOL
Figure 2-7:
Normalized IOL vs. Temperature
-40
-20
20
60
TEMPERATURE (°C)
600
500
400
300
200
100
80
100
040
700
VDD = 5V
VDD = 4V
VDD = 3V
VDD = 6V
-40
-20
20
60
TEMPERATURE (°C)
50
40
30
20
10
0
80
100
040
60
VDD = 5V
VDD = 3V
VDD = 5.5V
VDD = 4V
-40
-20
20
60
TEMPERATURE (°C)
1.000
0.998
0.996
0.994
0.992
0.997
80
100
040
1.002
* Multiply value at 25°C by this
factor to determine the value at
temperature
02
6
10
500
400
300
200
100
0
12
48
600
700
800
14 16 18 20
VDD = 3.5V
VDD = 1.5V
VDD = 4.5V
VDD = 2.5V
TA = +25°C
IOL (mA)
-40
-20
20
60
TEMPERATURE (°C)
1.2
1.1
1.00
0.9
0.8
0.7
80
100
040
1.3
* Multiply value at 25°C by this
factor to determine the value at
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com