Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1612T Datasheet (PDF) - Microchip Technology

MCP1612T Datasheet PDF - Microchip Technology
Part # MCP1612T
Download  MCP1612T Download
File Size   249.58 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single 1A, 1.4 MHz Synchronous Buck Regulator

MCP1612T Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1612T Datasheet PDF - Microchip Technology

Part # MCP1612T
Download  MCP1612T Click to download

File Size   249.58 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single 1A, 1.4 MHz Synchronous Buck Regulator

MCP1612T Datasheet (HTML) - Microchip Technology




Similar Part No. - MCP1612T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1612T-I/MF MICROCHIP-MCP1612T-I/MF Datasheet
315Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
MCP1612T-I/MS MICROCHIP-MCP1612T-I/MS Datasheet
315Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
More results


Similar Description - MCP1612T

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652 SIPEX-SP6652_07 Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Microchip Technology
MCP1612 MICROCHIP-MCP1612 Datasheet
315Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
Microchip Technology
MCP1612 MICROCHIP-MCP1612_13 Datasheet
333Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
2004-2013
logo
Anpec Electronics Corop...
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
1.5MHz, 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com