Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C6X Datasheet (PDF) - Microchip Technology

PIC16C6X Datasheet PDF - Microchip Technology
Part # PIC16C6X
Download  PIC16C6X Download
File Size   1790.58 Kbytes
Page   184 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit CMOS Microcontrollers with A/D Converter

PIC16C6X Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16C6X Datasheet PDF - Microchip Technology

Part # PIC16C6X
Download  PIC16C6X Click to download

File Size   1790.58 Kbytes
Page   184 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit CMOS Microcontrollers with A/D Converter

PIC16C6X Datasheet (HTML) - Microchip Technology


PIC16C6X Product details

GENERAL DESCRIPTION

The PIC16C63A/65B/73B/74B devices are low cost, high performance, CMOS, fully-static, 8-bit micro controllers in the PIC16CXX mid-range family. All PICmicro® microcontrollers employ an advanced RISC architecture. The PIC16CXX microcontroller family has enhanced core features, eight-level deep stack and multiple internal and external interrupt sources. The separate instruction and data buses of the Harvard architecture allow a 14-bit wide instruction word with the separate 8-bit wide data. The two stage instruction pipeline allows all instructions to execute in a single cycle, except for program branches, which require two cycles. A total of 35 instructions (reduced instruction set) are available. Additionally, a large register set gives some of the architectural innovations

used to achieve a very high performance.



PIC16CXX Microcontroller Core Features:

• High performance RISC CPU

• Only 35 single word instructions to learn

• All single cycle instructions except for program branches which are two cycle

• Operating speed: DC - 20 MHz clock input

                           DC - 200 ns instruction cycle

• 4 K x 14 words of Program Memory,  192 x 8 bytes of Data Memory (RAM)

• Interrupt capability

• Eight-level deep hardware stack

• Direct, indirect and relative addressing modes

• Power-on Reset (POR)

• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation

• Programmable code protection

• Power-saving SLEEP mode

• Selectable oscillator options

• Low power, high speed CMOS EPROM technology

• Wide operating voltage range: 2.5V to 5.5V

• High Sink/Source Current 25/25 mA

• Commercial, Industrial and Automotive temperature ranges

• Low power consumption:

- < 5 mA @ 5V, 4 MHz

- 23 µA typical @ 3V, 32 kHz

- < 1.2 µA typical standby current




Similar Part No. - PIC16C6X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
8-Bit CMOS Microcontrollers
1997 - 1999
PIC16C6X MICROCHIP-PIC16C6X Datasheet
6Mb / 334P
8-Bit CMOS Microcontrollers
1997-2013 11/29/12
PIC16C6X MICROCHIP-PIC16C6X Datasheet
1Mb / 337P
8-Bit CMOS Microcontrollers
01/18/02
logo
SYC Electronica
PIC16C6X SYC-PIC16C6X Datasheet
2Mb / 337P
8-Bit CMOS Microcontrollers
logo
Microchip Technology
PIC16C6XT MICROCHIP-PIC16C6XT Datasheet
6Mb / 334P
8-Bit CMOS Microcontrollers
1997-2013 11/29/12
More results


Similar Description - PIC16C6X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C71X MICROCHIP-PIC16C71X Datasheet
1Mb / 176P
8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC16C72 MICROCHIP-PIC16C72 Datasheet
1Mb / 124P
8-Bit CMOS Microcontrollers with A/D Converter
1998
PIC16C7X MICROCHIP-PIC16C7X Datasheet
2Mb / 288P
8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC16LC74B-16 MICROCHIP-PIC16LC74B-16 Datasheet
329Kb / 41P
8-Bit CMOS Microcontrollers with A/D Converter
1999 - 2002
PIC16C63A MICROCHIP-PIC16C63A_13 Datasheet
1Mb / 186P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16C72 MICROCHIP-PIC16C72_13 Datasheet
1Mb / 128P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16LC63A-04SO MICROCHIP-PIC16LC63A-04SO Datasheet
1Mb / 186P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C63A-20-SP MICROCHIP-PIC16C63A-20-SP Datasheet
1Mb / 186P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C74A-04P MICROCHIP-PIC16C74A-04P Datasheet
2Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16C74A-10 MICROCHIP-PIC16C74A-10 Datasheet
2Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com