Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFT300-50 Datasheet (PDF) - Advanced Semiconductor

VFT300-50 Datasheet PDF - Advanced Semiconductor
Part # VFT300-50
Download  VFT300-50 Download
File Size   20.31 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description VHF POWER MOSFET N-Channel Enhancement Mode

VFT300-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
VFT300-50 Datasheet PDF - Advanced Semiconductor

Part # VFT300-50
Download  VFT300-50 Click to download

File Size   20.31 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description VHF POWER MOSFET N-Channel Enhancement Mode

VFT300-50 Datasheet (HTML) - Advanced Semiconductor


VFT300-50 Product details

DESCRIPTION:
The VFT300-50 is a gold metallized N-Channel Enhancement mode MOSFET intended for use in 50 Vdc large signal applications to 175 MHz.
   
FEATURES:
• PG = 15 dB Typ. at 300W/ 175 MHz
• Common Base configuration
• Class-a or AB
• 50 V operation
• Omnigold™ Metalization System
   




Similar Part No. - VFT300-50

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
VFT300-50 ASI-VFT300-50 Datasheet
53Kb / 3P
VHF POWER MOSFET
VFT300-50 ASI-VFT300-50_07 Datasheet
53Kb / 3P
VHF POWER MOSFET
More results


Similar Description - VFT300-50

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
VFT150-50 ASI-VFT150-50 Datasheet
18Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
VFT30-50 ASI-VFT30-50 Datasheet
18Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
VFT5-28 ASI-VFT5-28 Datasheet
18Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
VFT5-28SL ASI-VFT5-28SL Datasheet
17Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
MRF172 ASI-MRF172 Datasheet
15Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
DV2805 ASI-DV2805 Datasheet
15Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
VTF30-28 ASI-VTF30-28 Datasheet
39Kb / 2P
VHF POWER MOSFET N-Channel Enhancement Mode
REV. B
MRF138 ASI-MRF138 Datasheet
18Kb / 1P
N-Channel Enhancement Mode VHF POWER MOSFET
MRF148A ASI-MRF148A Datasheet
42Kb / 1P
N-Channel Enhancement Mode VHF POWER MOSFET
VFT30-28 ASI-VFT30-28 Datasheet
42Kb / 2P
N-Channel Enhancement Mode VHF POWER MOSFET
REV. B
More results




About Advanced Semiconductor


Advanced Semiconductor, Inc. (ASI) is a semiconductor company based in South Korea. The company was founded in 1989 and specializes in the design and manufacturing of memory and storage solutions for a variety of applications, including consumer electronics, automotive, and industrial markets.

ASI's product portfolio includes DRAM, SRAM, flash memory, and embedded memory solutions. These products are used in a wide range of devices, including smartphones, tablets, laptops, servers, and automotive infotainment systems.

ASI is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. ASI also offers custom design and engineering services to meet the specific needs of its customers.

ASI has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative memory and storage solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com